Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8985 Datasheet(PDF) 16 Page - Mitel Networks Corporation

Part # MT8985
Description  CMOS ST-BUS??FAMILY Enhanced Digital Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8985 Datasheet(HTML) 16 Page - Mitel Networks Corporation

Back Button MT8985 Datasheet HTML 10Page - Mitel Networks Corporation MT8985 Datasheet HTML 11Page - Mitel Networks Corporation MT8985 Datasheet HTML 12Page - Mitel Networks Corporation MT8985 Datasheet HTML 13Page - Mitel Networks Corporation MT8985 Datasheet HTML 14Page - Mitel Networks Corporation MT8985 Datasheet HTML 15Page - Mitel Networks Corporation MT8985 Datasheet HTML 16Page - Mitel Networks Corporation MT8985 Datasheet HTML 17Page - Mitel Networks Corporation MT8985 Datasheet HTML 18Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MT8985
2-60
† Timing is over recommended temperature & power supply voltages.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
* High Impedance is measured by pulling to the appropriate rail with RL, with timing corrected to cancel time taken to discharge CL.
AC Electrical Characteristics† - Serial Streams for ST-BUS and GCI Backplanes
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
O
U
T
P
U
T
S
STo0/7 Delay - Active to High Z
tSAZ
100
ns
RL=1 KΩ*, CL=150 pF
2
STo0/7 Delay - High Z to Active
tSZA
100
ns
CL=150 pF
3
Output Driver Enable Delay
tOED
65
ns
RL=1 KΩ*, CL=150 pF
4
CSTo Output Delay
tXCD
060
ns
CL=150 pF
Figure 15 - Serial Outputs and External Control
C4i
2.0V
0.8V
STo0
to
STo7
2.4V
0.4V
STo0
to
STo7
2.4V
0.4V
CSTo
2.4V
0.4V
Bit Cell Boundary
(GCI)
(ST-BUS)
*
tSAZ
tSZA
tXCD
*
Figure 16 - Output Driver Enable
ODE
STo0
to
STo7
2.0V
0.8V
2.4V
0.4V
tOED
*
*
tOED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com