Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8982AS Datasheet(PDF) 11 Page - Mitel Networks Corporation

Part # MT8982AS
Description  ISO-CMOS ST-BUS??FAMILY Small Digital Switch (MiniDX)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8982AS Datasheet(HTML) 11 Page - Mitel Networks Corporation

Back Button MT8982AS Datasheet HTML 6Page - Mitel Networks Corporation MT8982AS Datasheet HTML 7Page - Mitel Networks Corporation MT8982AS Datasheet HTML 8Page - Mitel Networks Corporation MT8982AS Datasheet HTML 9Page - Mitel Networks Corporation MT8982AS Datasheet HTML 10Page - Mitel Networks Corporation MT8982AS Datasheet HTML 11Page - Mitel Networks Corporation MT8982AS Datasheet HTML 12Page - Mitel Networks Corporation MT8982AS Datasheet HTML 13Page - Mitel Networks Corporation MT8982AS Datasheet HTML 14Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ISO-CMOS
MT8982
2-41
* Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
† Timing is over recommended temperature & power supply voltages.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
* High impedance is measured by pulling to the appropriate rail with RL, with timing corrected to cancel time taken to discharge CL.
Absolute Maximum Ratings*
Parameter
Symbol
Min
Max
Units
1
Power supply voltage VDD-VSS
VDD-VSS
6V
2
Voltage on any pin
VI
VSS-0.3
VDD+0.3
V
3
Current at any pin (other than supply)
IO
100
mA
4
Storage temperature
TS
-65
+150
°C
5
Package power dissipation
PD
1000
mW
Recommended Operating Conditions - Voltages are with respect to ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Operating Temperature
TOP
-40
+85
°C
2
Power supply
VDD
4.5
5.5
V
3
Input voltage
VI
VSS
VDD
V
DC Electrical Characteristics - Voltages are with respect to ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Operating supply voltage
VDD
4.5
5.0
5.5
V
2
Operating supply current
IDD
2.0
mA
Outputs unloaded
3
Static supply current
IDDS
100
µA
All inputs =VDD
4
High level input
VIH
2.0
V
5
Low level input voltage
VIL
0.8
V
6
Input leakage current
IIH/IIL
10.0
µAV
IN=VSS or VDD
7
Low level output voltage
VOL
0.4
V
IOL = 4.0 mA
8
High level output voltage
VOH
2.4
V
IOH = 2.0 mA
9
Output low (sink) current
IOL
4.0
mA
VOUT=0.4 V
10
Output high (source) current
IOH
2.0
mA
VOUT=2.4V, VDD=4.5V
AC Electrical Characteristics† - Serial Microport (see Figure 12) - Voltages are with respect to ground
(VSS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Chip Select Setup Time
tcs
5ns
2
RxD Input Setup Time
trs
40
ns
3
RxD Input Hold Time
trh
0ns
4
TxD Output Delay
ttd
80
ns
CL=50pF, RL=1kΩ
5
TxD Output Tristate Delay
tdaz
140
ns
CL=50pF, RL=1kΩ*
6
SCLK Pulse Width High
tppwh
190
ns
7
SCLK Pulse Width Low
tppwl
190
ns
8
Command/Data Byte Delay Time
tcdbd
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com