Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS3010 Datasheet(PDF) 2 Page - BOWIN ELECTRONIC CO.

Part # LS3010
Description  LED 4-bit MCU
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS3010 Datasheet(HTML) 2 Page - BOWIN ELECTRONIC CO.

  LS3010 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS3010 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS3010 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS3010 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS3010 Datasheet HTML 5Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LSI
LS3010
2
Pin Assignment
DESIGNATION
TYPE
DESCRIPTION
B0, B1
OUTPUT
Buzzer output
T1, T2,
INPUT
TEST pin
RO/OO
OUTPUT
RC / 32KHz oscillator output (mask option)
RI/OI
INPUT
RC / 32KHz oscillator input (mask option)
VDD
POWER
+3.0V power supply
GND
POWER
Ground
I[0:5]
INPUT(PL)
Input key
PB
INPUT(PH)
Power up reset
S[1:5]
OUTPUT
LED output
Note: (PH) - pull high; (OD) – open drain;
D.C. Characteristic
(GND = 0V, Vdd = 3.0V, Ta = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Supply Voltage
Vdd
1.2
3.0
3.6
V
Standby current
Istby
2
µ
A
Osc. stop
Operating current
Idd
-
20
50
µ
A
No load
OSC. built-in cap
Cd
-
20
-
pF
OSC. Trimmer cap
Ctrim
5
-
35
pF
Frequency stability
^f/f
-
-
10
ppM
Vdd=3.0
Buzzer output current
Ib
500
-
-
µ
A
Vbd-Vss=0.5
LED current
Iled
15.0
-
-
mA
VLED=1.5V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com