Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT90732AP Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT90732AP
Description  CMOS E2/E3 Framer (E2/E3F)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90732AP Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT90732AP Datasheet HTML 1Page - Mitel Networks Corporation MT90732AP Datasheet HTML 2Page - Mitel Networks Corporation MT90732AP Datasheet HTML 3Page - Mitel Networks Corporation MT90732AP Datasheet HTML 4Page - Mitel Networks Corporation MT90732AP Datasheet HTML 5Page - Mitel Networks Corporation MT90732AP Datasheet HTML 6Page - Mitel Networks Corporation MT90732AP Datasheet HTML 7Page - Mitel Networks Corporation MT90732AP Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MT90732 CMOS
Advance Information
5-16
Figure 2 - Pin Connections
Pin Description
Note: I = Input; O = Output; P = Power
Note: I = Input; O = Output; P = Power
Power Supply and Ground
Pin #
Name
I/O/P
Description
1,17,35,51
VDD
P
VDD. 5-volt supply voltage, +/- 5%
18,34,52,68
GND
P
Ground.
Line Side Receive
Pin #
Name
I/O/P
Description
2
RP/RDL
I
Receive Positive Rail/Receive NRZ Data. Receive positive rail/NRZ data
generated from line interface circuit.
3RN
I
Receive Negative Rail Data. Receive negative rail data generated from line
interface circuit.
4
RCK/RCKL
I
Receive Clock Rail/Receive Clock NRZ. The receive clock is used for clock-
ing in the rail/NRZ data signals.
ROC
ROF
FE
NRZLINE
BIP-4
M0
M1
VDD
GND
MICRO
SER
TLBK
PLBK
TAIS
LPT
TLOC
FORCEFE
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
BIP-4E
XNC/TCOUT
XNF
XCK
XNIB0/XSD
XNIB1/TCIN
XNIB2
XNIB3/XSF
GND
VDD
TLCINV
DAIS
RDY
WR
RD
ALE
SEL
60
59
58
57
56
55
54
53
52
51
50
49
48
46
45
47
10
44



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com