Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS6022 Datasheet(PDF) 1 Page - BOWIN ELECTRONIC CO.

Part # LS6022
Description  Dual display Real time clock with Timer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6022 Datasheet(HTML) 1 Page - BOWIN ELECTRONIC CO.

  LS6022 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 7Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LSI
LS6022
Dual display Real time clock with Timer
Version 1.1 (18.11.00)
Features
* Dual 3 1/2 digit (HH:MM) LCD display
* Real time clock
* 3/4 keys operation
* Max. timer range 15Hour 59minute or
19Hour 59minute bonding option
* 5minute, 10 minute pre-alarm
* Trigger timer output
* Recall Memory function
* 1/2 bias 1/3 duty LCD format
* Very low power consumption
* 32768 Crystal oscillator
* Single 1.5V operation.
General Description
The LSI6022 is a dual 3 1/2 digit LCD watch and timer I.C.. The I.C. display the timer/clock on the
upper/lower display.
The timer range can be selected between 15:59 or 19:59 by bonding option. It
provides 10 minutes and 5 minutes pre-alarm. It can be used as a car park timer and kitchen timer. The
timer can be selected with 20minutes count up by bonding option. The keytone can also be bonding
option select.
LCD Drawing


Similar Part No. - LS6022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LS602 TI-LS602 Datasheet
151Kb / 9P
N.P.N PLANAR SILICON PHOTOTRANSISTORS
logo
BOWIN ELECTRONIC CO.
LS6025 BOWIN-LS6025 Datasheet
100Kb / 7P
Game (slot machine) AND
logo
Littelfuse
LS60250-1000 LITTELFUSE-LS60250-1000 Datasheet
697Kb / 2P
Dc Disconnect Switch
2021 Rev: 041122
LS60250-500 LITTELFUSE-LS60250-500 Datasheet
708Kb / 2P
Dc Disconnect Switch
2021 Rev: 041122
LS602501MS00L LITTELFUSE-LS602501MS00L Datasheet
697Kb / 2P
Dc Disconnect Switch
2021 Rev: 041122
More results

Similar Description - LS6022

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
REAL-TIME CLOCK
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
Real Time Clock
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
Real Time clock
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
Real time clock
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
Real time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
Real Time Clock
logo
STMicroelectronics
AN974 STMICROELECTRONICS-AN974 Datasheet
72Kb / 6P
Real time clock with ST7 Timer Output Compare
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com