Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9074AP Datasheet(PDF) 48 Page - Mitel Networks Corporation

Part # MT9074AP
Description  T1/E1/J1 Single Chip Transceiver
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9074AP Datasheet(HTML) 48 Page - Mitel Networks Corporation

Back Button MT9074AP Datasheet HTML 44Page - Mitel Networks Corporation MT9074AP Datasheet HTML 45Page - Mitel Networks Corporation MT9074AP Datasheet HTML 46Page - Mitel Networks Corporation MT9074AP Datasheet HTML 47Page - Mitel Networks Corporation MT9074AP Datasheet HTML 48Page - Mitel Networks Corporation MT9074AP Datasheet HTML 49Page - Mitel Networks Corporation MT9074AP Datasheet HTML 50Page - Mitel Networks Corporation MT9074AP Datasheet HTML 51Page - Mitel Networks Corporation MT9074AP Datasheet HTML 52Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 122 page
background image
MT9074
Advance Information
48
2
EXTOSC
External
Oscillator
Select.
Setting this bit connects the pin
OSC1 to a TTL compatible input.
This allows for a system design
employing a TTL output oscillator
as a 20.000 Mhz reference clock.
1
RSV
Reserved. Set to zero for normal
operation.
0
RSV
Reserved. Set to zero for normal
operation.
Bit
Name
Functional Description
7
TFSYNIM
Terminal
Frame
Synchronization
Interrupt
Mask.
When
unmasked
an
interrupt is initiated whenever
a change of state of terminal
frame synchronization condition
exists. If 1 - unmasked, 0 -
masked.
6
MFSYNIM
Multiframe
Synchronization
Interrupt
Mask.
When
unmasked
an
interrupt
is
initiated whenever a change of
state
of
multiframe
synchronization condition exist.
If 1 - unmasked, 0 - masked.
5
- - -
Unused.
4
AISIM
Alarm
Indication
Signal
Interrupt
Mask.
When
unmasked a change of state of
received all ones condition will
initiate
an
interrupt.
If
1
-
unmasked, 0 - masked.
3
LOSIM
Loss of Signal Interrupt Mask.
When unmasked an interrupt is
initiated whenever a change of
state of loss of signal condition
exists. If 1 - unmasked, 0 -
masked.
Interrupt
vector
=
01000000.
Table 32 - Interrupt Mask Word Zero (T1)
(Page 1, Address 1BH)
Bit
Name
Functional Description
Table 31 - Reset Control Word (T1)
(Page 1, Address 1AH)
2
SEFIM
Severely
Errored
Frame
Interrupt
Mask.
When
unmasked
an
interrupt
is
initiated when a sequence of 2
framing errors out of 6 occurs. If
1 - unmasked, 0 - masked.
1
TxSLPIM
Transmit SLIP Interrupt Mask.
When unmasked an interrupt is
initiated whenever a controlled
frame slip occurs in the transmit
elastic buffer. If 1 - unmasked, 0
- masked.
0
RxSLPIM
Receive SLIP Interrupt Mask.
When unmasked an interrupt is
initiated whenever a controlled
frame slip occurs in the receive
elastic buffer. If 1 - unmasked, 0
- masked.
Bit
Name
Functional Description
7
FEIM
Framing
Bit
Error
Interrupt
Mask.
When
unmasked
an
interrupt is initiated whenever an
erroneous framing bit is detected
(provided the circuit is in terminal
frame sync). If 1 - unmasked, 0 -
masked.
6
CRCIM
CRC-6 Error Interrupt Mask.
When unmasked an interrupt is
initiated whenever a local CRC-6
error occurs. If 1 - unmasked, 0 -
masked.
5
YELIM
Yellow Alarm Interrupt Mask.
When unmasked detection of a
yellow
alarm
triggers
an
interrupt. If 1 - unmasked, 0 -
masked.
4
COFAIM
Change of Frame Alignment
Interrupt
Mask.
When
unmasked an interrupt is initiated
whenever a change of frame
alignment occurs after a reframe.
If 1 - unmasked, 0 - masked.
Table 33 - Interrupt Mask Word One (T1)
(Page 1, Address 1CH
Bit
Name
Functional Description
Table 32 - Interrupt Mask Word Zero (T1)
(Page 1, Address 1BH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com