Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS6032 Datasheet(PDF) 1 Page - BOWIN ELECTRONIC CO.

Part # LS6032
Description  4 Digit Universal Timer with clock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6032 Datasheet(HTML) 1 Page - BOWIN ELECTRONIC CO.

  LS6032 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 8Page - BOWIN ELECTRONIC CO. LS6032 Datasheet HTML 9Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LSI
LS6032
4 Digit Universal Timer with clock
Version 1.2 (29.12.00)
Features
* 4 digit LCD display.
* HH:MM or MM:SS Display.
* Real time Clock.
* 3 keys operation.
* 8 bonding option.
* Direct drive 1/2 bias 1/3 duty LCD.
* Very low power consumption
* 32768 Crystal oscillator
* Single 1.5V operation.
General Description
The LS6032 is a 4 digit timer with a real time clock.
It is three keys operation : KH, KL and KST. It
is very universal such that the user can tailor to the specific application as needed by bonding option.
There are 8 bonding options :
1. BUP : enable/disable count up function.
2. BDN : enable/disable count down function.
3. BMMSS : Hour/Minute or Minute/Second timer.
4. B99 : Maximum is 99Hour/Minute or 19Hour/Minute.
5. BNCLOCK : enable/disable clock function.
6. BSET : enable/disable timer setting in PAUSE mode.
7. BNREP : enable/disable count down repeat function.
8. BOFF : enable/disable LCD off function.
LCD Drawing


Similar Part No. - LS6032

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
LS6037 BOWIN-LS6037 Datasheet
21Kb / 1P
Math Watch
More results

Similar Description - LS6032

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4753B PHILIPS-HEF4753B Datasheet
95Kb / 10P
Universal timer module
January 1995
PCF1171C PHILIPS-PCF1171C Datasheet
112Kb / 16P
4-digit LCD car clock
1996 Jan 08
PCF1179C PHILIPS-PCF1179C Datasheet
133Kb / 20P
4-digit duplex LCD car clock
1997 Apr 16
logo
Extech Instruments Corp...
365545 EXTECH-365545 Datasheet
197Kb / 1P
Big Digit Countdown Timer
logo
BOWIN ELECTRONIC CO.
LS3262 BOWIN-LS3262 Datasheet
92Kb / 9P
4 Digit Alarm Clock With Calendar
LS3263 BOWIN-LS3263 Datasheet
102Kb / 9P
6 Dot Animation 4 Digit Alarm Clock With Calendar
LS3273E BOWIN-LS3273E Datasheet
122Kb / 9P
Lcd 4 Digit Alarm Clock With 16 Dots Animation
LS6022 BOWIN-LS6022 Datasheet
88Kb / 7P
Dual display Real time clock with Timer
logo
Pericom Semiconductor C...
PT8A2521 PERICOM-PT8A2521 Datasheet
304Kb / 9P
Universal Timer Controller
PT8A2524 PERICOM-PT8A2524 Datasheet
288Kb / 10P
Universal Timer Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com