Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS6052 Datasheet(PDF) 1 Page - BOWIN ELECTRONIC CO.

Part # LS6052
Description  6 Digit Watch 5 icon
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6052 Datasheet(HTML) 1 Page - BOWIN ELECTRONIC CO.

  LS6052 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS6052 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6052 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6052 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6052 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6052 Datasheet HTML 6Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LSI
LS6052
6 Digit Watch + 5 icon
Version 0.1(30.10.00)
Features
* 6 digit (HH:MM SS) LCD display
* Hour:Minute Second display
* Month Date weekday display
* Alarm with Chime
* Dual time display
* 3/4 keys operation
* Auto Chime (8am-11pm only)
* 12/24Hour display
* 1/2 bias 1/3 duty LCD format
* Very low power consumption
* 32768 Crystal oscillator
* Single 3.0V operation.
General Description
The LS6052 is a 6 digit LCD watch I.C. with Hour:Minute Second, Month Date weekday display. It
support 12H/24 H display format and has a time alarm and hourly chime function. The dual time
display is selected by bonding option.
It also has 5 icon for different animation.
It has 2/3/4 keys
operation : KD, KS, KEL and KICON.
Bonding option
I5/BP1
I4/BP0
Description
GND
GND
A, AB, ABC, ABCD, ABCDE, (REPEAT)
GND
VDD
A,AB,ABC,ABCD,(REPEAT)
VDD
GND
A, B, C, D, E, ABCDE, OFF, (REPEAT)
VDD
VDD
A, B, C, D, ABCD, OFF, (REPEAT)
LCD Drawing


Similar Part No. - LS6052

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
LS6055 BOWIN-LS6055 Datasheet
118Kb / 11P
7 Digit World Time Watch
More results

Similar Description - LS6052

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1330 HOLTEK-HT1330 Datasheet
98Kb / 8P
3 1/2 Digit Timer Watch
August 10, 2000
logo
Golledge Electronics Lt...
GWX GOLLEDGE-GWX Datasheet
58Kb / 1P
Watch Crysatals
GWX GOLLEDGE-GWX_07 Datasheet
53Kb / 1P
Watch Crystals
logo
BOWIN ELECTRONIC CO.
LS6042 BOWIN-LS6042 Datasheet
31Kb / 2P
4 Digit Watch
LS6055 BOWIN-LS6055 Datasheet
118Kb / 11P
7 Digit World Time Watch
LS6102V06 BOWIN-LS6102V06 Datasheet
98Kb / 7P
10 Digit LCD Watch with EL Driver
LS6103 BOWIN-LS6103 Datasheet
85Kb / 7P
12 Digit LCD Watch with EL Driver
logo
Advanced Crystal Techno...
J206SMX ACT-J206SMX Datasheet
179Kb / 2P
Watch crystal
01/02/2017
logo
Virginia Panel Corporat...
510160107 VPC-510160107 Datasheet
116Kb / 1P
RCV MODULE, ICON 100
510160109 VPC-510160109 Datasheet
100Kb / 1P
RECEIVER MODULE,ICON
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com