Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS6103 Datasheet(PDF) 4 Page - BOWIN ELECTRONIC CO.

Part # LS6103
Description  12 Digit LCD Watch with EL Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6103 Datasheet(HTML) 4 Page - BOWIN ELECTRONIC CO.

  LS6103 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS6103 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6103 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6103 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6103 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6103 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS6103 Datasheet HTML 7Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LSI
LS6103
12 Digit LCD Watch with EL Driver
Version0.1 (29.6.00)
D.C. Electrical Characteristics
(GND = 0V, Vdd = 3.0V, Ta = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Supply Voltage
Vdd
2.5
3.0
3.6
V
Operating current
Idd
-
3
6
µA
No load
OSC. built-in cap
Cd
-
20
-
pF
OSC. trimmer cap
Ctrim
5
-
35
pF
Buzzer output current
Ib
500
-
-
µA
Vbd-Vss=0.5
LCD frequency
Flcd
-
64
-
Hz
Segment current
Is
0.15
-
-
µA
Vseg=0.2V
Common current
Ic
3.0
-
-
µA
Vcom=0.2V
Trigger output current
(R0, R1)
Ir
500
-
-
µA
Vr-Vss=0.7
Pad Coordinate
PAD
X(µ
µ
µ
µm)
Y(µ
µ
µ
µm)
PAD
X(µ
µ
µ
µm)
Y(µ
µ
µ
µm)
C2
C1
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
S11
S12
S13
S14
S15
S16
VEE
VC1
VC2
PB
R0
R1
OO
OI
T1
-1500.0
-1500.0
-1500.0
-1500.0
-1500.0
-1500.0
-1500.0
-1500.0
-1500.0
-1500.0
-1500.0
-1500.0
-1500.0
-1500.0
-1500.0
-1500.0
-1500.0
-1500.0
-1322.0
-1189.0
-1055.0
-605.0
-569.0
-100.0
+49.0
+1229.0
+1371.0
-1500.0
-1366.0
-1232.0
-1098.0
-963.0
-766.0
-632.0
-434.0
-300.0
-102.0
+31.0
+229.0
+363.0
+561.0
+695.0
+892.0
+1027.0
+1224.0
+1350.0
+350.0
+1492.0
+1492.0
+1492.0
+1492.0
+1492.0
+1482.0
+1482.0
GND
B1
B0
VDD
T2
NC
NC
NC
KEL
NC
KSET
KMODE
KADJ
NC
NC
NC
NC
T3
S28
S27
S26
S25
S24
S23
S22
S21
S20
+1372.0
+1372.0
+1372.0
+1372.0
+1372.0
+1372.0
+1372.0
+1372.0
+1372.0
+1372.0
+1372.0
+1372.0
+1372.0
+1372.0
+1372.0
+1372.0
+1372.0
+1343.0
+1209.0
+1076.0
+942.0
+807.0
+674.0
+539.0
+405.0
+271.0
+128.0
+1282.0
+1129.0
+821.0
+676.0
+538.0
+368.0
+220.0
+72.0
-75.0
-224.0
-371.0
-519.0
-667.0
-830.0
-979.0
-1127.0
-1276.0
-1510.0
-1510.0
-1510.0
-1510.0
-1510.0
-1510.0
-1510.0
-1510.0
-1510.0
-1510.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com