Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9079 Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MT9079
Description  CMOS ST-BUS??FAMILY Advanced Controller for E1
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9079 Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MT9079 Datasheet HTML 9Page - Mitel Networks Corporation MT9079 Datasheet HTML 10Page - Mitel Networks Corporation MT9079 Datasheet HTML 11Page - Mitel Networks Corporation MT9079 Datasheet HTML 12Page - Mitel Networks Corporation MT9079 Datasheet HTML 13Page - Mitel Networks Corporation MT9079 Datasheet HTML 14Page - Mitel Networks Corporation MT9079 Datasheet HTML 15Page - Mitel Networks Corporation MT9079 Datasheet HTML 16Page - Mitel Networks Corporation MT9079 Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
MT9079
4-249
1) by programming the SOFF7-0 bits to select the
desired throughput delay, which is indicated by
the
phase
status
word
bits
RxTS4-0
and
RxBC2-0.
2) by controlling the position of the F0i pulse with
respect to the received time slot zero position.
The
phase status word
bits RxTS4-0 and
RxBC2-0 will also indicate the delay in this
application.
With RDLY=1, the elastic buffer may underflow or
overflow. This is indicated by the RSLIP and RSLPD
status bits.
If RSLPD=0, the elastic buffer has
overflowed and a bit was lost; if RSLPD=1, a
underflow
condition
occurred
and
a
bit
was
repeated.
Framing Algorithm
The
MT9079
contains
three
distinct,
but
interdependent,
framing
algorithms.
These
algorithms are for basic frame alignment, signalling
multiframe
alignment
and
CRC-4
multiframe
alignment. Figure 6 is a state diagram that illustrates
these functions and how they interact.
After power-up the basic frame alignment framer will
search for a frame alignment signal (FAS) in the
PCM 30 receive bit stream. Once the FAS is
detected, the corresponding bit two of the non-frame
alignment signal (NFAS) is checked. If bit two of the
NFAS is zero a new search for basic frame alignment
is initiated. If bit two of the NFAS is one and the next
FAS is correct, the algorithm declares that basic
frame synchronization has been found (i.e., SYNC is
low).
Once
basic
frame
alignment
is
acquired
the
signalling and CRC-4 multiframe searches will be
initiated. The signalling multiframe algorithm will
align to the first multiframe alignment signal pattern
(MFAS = 0000) it receives in the most significant
nibble of channel 16 (MFSYNC = 0). Signalling
multiframing will be lost when two consecutive
multiframes are received in error.
The CRC-4 multiframe alignment signal is a 001011
bit sequence that appears in PCM 30 bit position one
of the NFAS in frames 1, 3, 5, 7, 9 and 11 (see Table
4). In order to achieved CRC-4 synchronization two
consecutive CRC-4 multiframe alignment signals
must be received without error (CRCSYN = 0). See
Figure 6 for a more detailed description of the
framing functions.
The MT9079 framing algorithm supports automatic
interworking of interfaces with and without CRC-4
processing capabilities. That is, if an interface with
CRC-4
capability,
achieves
valid
basic
frame
alignment, but does not achieve CRC-4 multiframe
alignment by the end of a predefined period, the
distant end is considered to be a non-CRC-4
interface. When the distant end is a non-CRC-4
interface, the near end automatically suspends
receive CRC-4 functions, continues to transmit
CRC-4 data to the distant end with its E-bits set to
zero, and provides a status indication. Naturally, if
the
distant
end
initially
achieves
CRC-4
synchronization, CRC-4 processing will be carried
out by both ends. This feature is selected when
control bit AUTC = 0. See Figure 6 for more details.
Notes for Figure 6:
1) The basic frame alignment, signalling multiframe
alignment,
and
CRC-4
multiframe
alignment
functions operate in parallel and are independent.
2)
The receive channel associated signalling bits
and signalling multiframe alignment bit will be frozen
when multiframe alignment is lost.
3)
Manual re-framing of the receive basic frame
alignment
and
signalling
multiframe
alignment
functions can be performed at any time.
4) The transmit RAI bit will be one until basic frame
alignment is established, then it will be zero.
5)
E-bits can be optionally set to zero until the
equipment interworking relationship is established.
When this has been determined one of the following
will take place:
a) CRC-to-non-CRC operation - E-bits = 0,
b) CRC-to-CRC operation - E-bits as per G.704 and
I.431.
6) All manual re-frames and new basic frame
alignment searches start after the current frame
alignment signal position.
7) After basic frame alignment has been achieved,
loss of frame alignment will occur any time three
consecutive incorrect FAS or NFAS are received.
Loss of basic frame alignment will reset the complete
framing algorithm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com