Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9079AC Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT9079AC
Description  CMOS ST-BUS??FAMILY Advanced Controller for E1
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9079AC Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT9079AC Datasheet HTML 1Page - Mitel Networks Corporation MT9079AC Datasheet HTML 2Page - Mitel Networks Corporation MT9079AC Datasheet HTML 3Page - Mitel Networks Corporation MT9079AC Datasheet HTML 4Page - Mitel Networks Corporation MT9079AC Datasheet HTML 5Page - Mitel Networks Corporation MT9079AC Datasheet HTML 6Page - Mitel Networks Corporation MT9079AC Datasheet HTML 7Page - Mitel Networks Corporation MT9079AC Datasheet HTML 8Page - Mitel Networks Corporation MT9079AC Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
MT9079
4-239
Pin Description
Pin #
Name
Description (see notes 1, 2 and 3)
DIP
PLCC
QFP
1
1
39
RESET RESET (Input): Low - maintains the device in a reset condition. High - normal
operation. The MT9079 should be reset after power-up. The time constant for a
power-up reset circuit (see Figure 11) must be a minimum of five times the rise time of
the power supply. In normal operation, the RESET pin must be held low for a minimum
of 100 nsec. to reset the device.
22
40
DSTo
Data ST-BUS (Output): A 2.048 Mbit/s serial output stream which contains the 30
PCM or data channels received from the PCM 30 line. See Figure 4b.
3
3
41
RxDL
Receive Data Link (Output): A 4 kbit/s serial stream which is demultiplexed from a
selected national bit (non-frame alignment signal) of the PCM 30 receive signal.
Received DL data is clocked out on the rising edge of DLCLK, see Figure 20.
4
4
42
TxDL
Transmit Data Link (Input): A 4 kbit/s serial stream which is multiplexed into a
selected national bit (non-frame alignment signal) of the PCM 30 transmit signal.
Transmit DL data is clocked in on the rising edge of internal clock IDCLK, see Figure
21.
5
5
43
DLCLK Data Link Clock (Output): A 4 kHz clock signal used to clock out DL data (RxDL) on
its rising edge. It can also be used to clock DL data in and out of external serial
controllers (i.e., MT8952). See TxDL and RxDL pin descriptions.
-6
44
NC
No Connection.
671
IRQ
Interrupt Request (Output): Low - interrupt request. High - no interrupt request.
IRQ is an open drain output that should be connected to VDD through a pull-up resistor.
An active CS signal is not required for this pin to function.
782
D0
[P]
SIO
[S]
CSTo0
[ST]
Data 0 (Three-state I/O): The least significant bit of the bidirectional data bus of the
parallel processor interface.
Serial Input/Output (Three state I/O): This pin function is used in serial controller
mode and can be configured as control data input/output for Intel operation (connect
to controller pin RxD). Input data is sampled LSB first on the rising edge of SCLK; data
is output LSB first on the falling edge of SCLK. It can also be configured as the control
data output for Motorola and National Microwire operation (data output MSB first on
the falling edge of SCLK). See CS pin description.
Control ST-BUS Zero (Output): A 2.048 Mbit/s serial status stream which provides
device status, performance monitoring, alarm status and phase status data.
8-14 9-15 3-9
D1-D7
[P]
Data 1 to Data 7 (Three-state I/O): These signals, combined with D0, form the
bidirectional data bus of the parallel processor interface (D7 is the most significant bit).
15
16
10
VDD
Positive Power Supply (Input): +5V
± 10%.
-17
11
NC
No Connection.
16
18
12
AC4
[P]
ST/SC
[ST S]
Address/Control 4 (Input): The most significant address and control input for the
non-multiplexed parallel processor interface.
ST-BUS/Serial Controller (Input): High - selects ST-BUS mode of operation.
Low - selects serial controller mode of operation.
17-
20
19-
22
13-
16
AC3-AC
0
[P]
Address/Control
3
to
0
(Inputs):
Address
and
control
inputs
for
the
non-multiplexed parallel processor interface. AC0 is the least significant input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com