Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9080 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT9080
Description  CMOS SMX - Switch Matrix Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9080 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT9080 Datasheet HTML 1Page - Mitel Networks Corporation MT9080 Datasheet HTML 2Page - Mitel Networks Corporation MT9080 Datasheet HTML 3Page - Mitel Networks Corporation MT9080 Datasheet HTML 4Page - Mitel Networks Corporation MT9080 Datasheet HTML 5Page - Mitel Networks Corporation MT9080 Datasheet HTML 6Page - Mitel Networks Corporation MT9080 Datasheet HTML 7Page - Mitel Networks Corporation MT9080 Datasheet HTML 8Page - Mitel Networks Corporation MT9080 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MT9080 CMOS
2-102
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
1VSS
Ground.
2-5
D0i-D3i
Input/Microport Data Bus. This is part of a 16 bit data bus. The data bus is bidirectional in
Connect Memory mode where it is typically interfaced to a microprocessor. In all other
modes the data bus is an input. Data to be switched through the device is clocked in at this
port.
6VSS
Ground.
7-10
D4i-D7i
Input/Microport Data Bus. See description for pins 2-5 above.
11
VSS
Ground.
12-15
D8i-D11i Input/Microport Data Bus. See description for pins 2-5 above.
16
VSS
Ground.
17-20
D12i-D15i Input/Microport Data Bus.
See description for pins 2-5 above.
21
VSS
Ground.
22
CK
Clock. Master clock input which is used to clock data into and out of the device. It also
clocks the internal 11 bit counter.
23
VDD
+5V supply input .
24
VSS
Ground.
25,26
IC
Internal Connection. Should be tied to VSS for normal operation.
27
FP
Frame Pulse. An active low signal that serves as a synchronous clear for the internal 11 bit
counter in all modes except Shift Register mode. The counter is cleared on a rising edge of
CK. In the Shift Register mode, FP serves to align channel boundaries.
74
56
58
60
62
64
68
70
72
66
12
28
26
24
22
18
16
14
20
32
30
54
VSS
D7o
D6o
D5o
D4o
VSS
D3o
D2o
D1o
D0o
VSS
CD
A14
A13
A12
A11
A10
A9
A8
D8i
D9i
D10i
D11i
D13i
D14i
D15i
VSS
VSS
IC
CK
VDD
IC
FP
CS
DS
R/W
DTA
NC
84 PIN PLCC
VDD
A15
VSS
D12i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com