| Electronic Components Datasheet Search |
|
MT9080AP Datasheet(PDF) 6 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
MT9080AP Datasheet(HTML) 6 Page - Mitel Networks Corporation |
|
6 / 24 page ![]() MT9080 CMOS 2-106 Figure 4 - Data Memory Mode Functional Timing Figure 5 - Throughput Delay in Data Memory Mode-1 CK External Address Bus A0-A15 Data Output D0-D15o FP Address generated by Internal 11 Bit Counter Data Input D0-D15i CH X CH Y CH Z 1022 1023 0 1 2 1 0 1023 Counter Reset CH X CH Y CH Z PWP R y P = Precharge R = Read Memory W = Write Memory Data is clocked out of the memory location addressed by external address bus. The address is latched in with CK edge marked . Data is clocked out with CK edge marked y. Data is latched into the device with the last rising edge of CK in the timeslot (e.g., edge in diagram). It is stored in the memory location address by the internal 11 bit counter with the next rising clock edge (edge in diagram). CK PW R y P 1 4 12 3 4 5 2 3 P = Precharge R = Read Memory W = Write Memory Data on the input bus of the SMX is latched into the device with last rising edge of the clock within a timeslot. It is Data is clocked out of the memory location and latched onto the output data bus with first positive clock edge in the Input Data Output Timeslots written into the internal memory with the following positive edge. timeslot. Switching channel 1 to channel 1 or channel 2 will result in one frame delay. Note that channel 2 is clocked out by CK edge labelled while channel 1 is written into the memory with edge y. However, if channel 1 is switched to channel 3, there will be only one channel delay. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |