Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM856DS/DG Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BCM856DS/DG
Description  PNP/PNP matched double transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCM856DS/DG Datasheet(HTML) 1 Page - NXP Semiconductors

  BCM856DS/DG Datasheet HTML 1Page - NXP Semiconductors BCM856DS/DG Datasheet HTML 2Page - NXP Semiconductors BCM856DS/DG Datasheet HTML 3Page - NXP Semiconductors BCM856DS/DG Datasheet HTML 4Page - NXP Semiconductors BCM856DS/DG Datasheet HTML 5Page - NXP Semiconductors BCM856DS/DG Datasheet HTML 6Page - NXP Semiconductors BCM856DS/DG Datasheet HTML 7Page - NXP Semiconductors BCM856DS/DG Datasheet HTML 8Page - NXP Semiconductors BCM856DS/DG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Product profile
1.1 General description
PNP/PNP matched double transistors in small Surface-Mounted Device (SMD) plastic
packages. The transistors are fully isolated internally.
1.2 Features
I Current gain matching
I Base-emitter voltage matching
I Drop-in replacement for standard double transistors
I AEC-Q101 qualified
1.3 Applications
I Current mirror
I Differential amplifier
1.4 Quick reference data
BCM856BS; BCM856BS/DG
BCM856DS; BCM856DS/DG
PNP/PNP matched double transistors
Rev. 01 — 7 August 2008
Product data sheet
Table 1.
Product overview
Type number
Package
Package configuration
NXP
JEITA
BCM856BS
SOT363
SC-88
very small
BCM856BS/DG
BCM856DS
SOT457
SC-74
small
BCM856DS/DG
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
VCEO
collector-emitter voltage
open base
-
-
−65
V
IC
collector current
-
-
−100
mA
hFE
DC current gain
VCE = −5V;
IC = −2mA
200
290
450


Similar Part No. - BCM856DS/DG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCM856DS/DG NXP-BCM856DS/DG Datasheet
111Kb / 14P
PNP/PNP matched double transistors
Rev. 01-7 August 2008
logo
Nexperia B.V. All right...
BCM856DS/DG NEXPERIA-BCM856DS/DG Datasheet
647Kb / 14P
PNP/PNP matched double transistors
Rev. 01 - 7 August 2008
More results

Similar Description - BCM856DS/DG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCM856BS NXP-BCM856BS Datasheet
111Kb / 14P
PNP/PNP matched double transistors
Rev. 01-7 August 2008
BCM857BV NXP-BCM857BV Datasheet
123Kb / 15P
PNP/PNP matched double transistors
Rev. 06-28 August 2009
PMP5201V NXP-PMP5201V Datasheet
119Kb / 14P
PNP/PNP matched double transistors
Rev. 03-28 August 2009
PMP5501V NXP-PMP5501V Datasheet
119Kb / 14P
PNP/PNP matched double transistors
Rev. 03-28 August 2009
BCM62B PHILIPS-BCM62B_15 Datasheet
131Kb / 13P
PNP/PNP matched double transistor
Rev. 02-28 August 2009
BCM857BV PHILIPS-BCM857BV_15 Datasheet
135Kb / 15P
PNP/PNP matched double transistors
Rev. 06-28 August 2009
logo
Nexperia B.V. All right...
BCM62B NEXPERIA-BCM62B Datasheet
2Mb / 13P
PNP/PNP matched double transistor
Rev. 02 - 28 August 2009
BCM856BS NEXPERIA-BCM856BS Datasheet
647Kb / 14P
PNP/PNP matched double transistors
Rev. 01 - 7 August 2008
BCM857BV NEXPERIA-BCM857BV Datasheet
2Mb / 15P
PNP/PNP matched double transistors
Rev. 06 - 28 August 2009
PMP5501G NEXPERIA-PMP5501G Datasheet
118Kb / 14P
PNP/PNP matched double transistors
Rev. 03 - 28 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com