Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5859AF Datasheet(PDF) 21 Page - Nippon Precision Circuits Inc

Part # SM5859AF
Description  compression and non compression type antishock memory controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5859AF Datasheet(HTML) 21 Page - Nippon Precision Circuits Inc

Back Button SM5859AF Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5859AF Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5859AF Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5859AF Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5859AF Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5859AF Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5859AF Datasheet HTML 23Page - Nippon Precision Circuits Inc SM5859AF Datasheet HTML 24Page - Nippon Precision Circuits Inc SM5859AF Datasheet HTML 25Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
SM5859AF
NIPPON PRECISION CIRCUITS-21
Shock-proof mode is the mode that realizes shock-
proof operation using external DRAM. Shock-proof
mode is invoked by setting MSON=H in microcon-
troller command 80H.
This mode comprises the following 3 sequences.
Shock-proof operation overview
- Encode sequence
1. Input data from a signal processor IC is stored in
internal buffers.
2. Encoder starts after a fixed number of data have
been received.
3. The encoder, after the most suitable predicting
filter type and quantization steps have been deter-
mined, performs APC encoding and then writes to
external DRAM.
- Decode sequence
1. Reads compressed data stored in external buffer
RAM at rate fs.
2. Decoder starts, using the predicting filter type
and quantization levels used when encoded.
3. Performs attenuation operation (including muting
operation)
4. Outputs the result.
- Compare-connect sequence
1. Encoding immediately stops when either external
buffer RAM overflows or when a CD read error
occurs due to shock vibrations.
2. Then, using microcontroller command 80H, the
compare-connect start command is executed and
compare-connect sequence starts.
3. Compares data re-read from the CD with the pro-
cessed final valid data stored in RAM (confirms its
correctness).
4. As soon as the comparison detects conforming
data, compare-connect sequence stops and
encode sequence re-starts, connecting the data
directly behind previous valid data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com