Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDSP1601MC Datasheet(PDF) 14 Page - Mitel Networks Corporation

Part # PDSP1601MC
Description  ALU and Barrel Shifter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP1601MC Datasheet(HTML) 14 Page - Mitel Networks Corporation

Back Button PDSP1601MC Datasheet HTML 9Page - Mitel Networks Corporation PDSP1601MC Datasheet HTML 10Page - Mitel Networks Corporation PDSP1601MC Datasheet HTML 11Page - Mitel Networks Corporation PDSP1601MC Datasheet HTML 12Page - Mitel Networks Corporation PDSP1601MC Datasheet HTML 13Page - Mitel Networks Corporation PDSP1601MC Datasheet HTML 14Page - Mitel Networks Corporation PDSP1601MC Datasheet HTML 15Page - Mitel Networks Corporation PDSP1601MC Datasheet HTML 16Page - Mitel Networks Corporation PDSP1601MC Datasheet HTML 17Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
PDSP1601/PDSP1601A
14
TYPICAL APPLICATION
Select a 16 bit field from each word in a block of 32 bit
words with a 10MHz throughput.
The 16 bit field indicated is to be selected from each 32 bit
word.
(2)
The LS byte is logically right shifted, n-places, the
LSBs being discarded and the MSBs being filled with zeros.
This shifted data is loaded into the shifter register file left
register.
During this cycle the previous contents of this register are
passed through the ALU to the ALU register file left register.
(3)
While the MS byte of the next 32 bit word is shifted in
the Barrel Shifter, the two previous results, resident within the
left registers of the ALU and Shifter Register files are 'ORed'
by the ALU, the result being the desired 16 bit field is loaded
into the ALU register file right register ready to be output on the
next cycle.
The instructions from initialisation are given in Table 6.
88
8
8
MS Byte
LS Byte
MS Bit
16 bits
nbits
The 32 bit words are fed into the B port of the PDSP1601
in two cycles, MS byte first.
The PDSP1601 shift control is initiated by programming
the R1 and R2 registers with n and 16-n respectively.
The shift operation is implemented in three steps:-
(1)
The MS byte is logically left shifted (16-n) places, the
MSBs being discarded and the LSB spaces being filled with
zeros. This shifted data is loaded into the shifter register file
left register.
CLK
1/
2/
3/
4/
5/
6/
7/
8/
CEB
1
1
0
0
0
0
0
0
MSA
MARSX
MARSX
MARSX
MARSX
MARSX
MARAX
MARSX
MARAX
MSB
1
1
1
1
1
1
1
1
MSS
0
0
0
0
0
0
0
0
MSC
0
0
0
0
0
0
0
0
IA
CLRXX
PASXA
PASXA
PASXA
PASXA
ORXAB
PASXA
ORXAB
IS
X
LR1SV
LR2SV
LSLR2
LSRR1
LSLR2
LSRR1
LSLR2
SV
X
n
(16-n)
X
X
X
X
X
RA
NOPLR
NOPLR
NOPLR
NOPLR
LLRRR
LRRLR
LLRRR
LRRLR
RS
NOPLR
NOPLR
NOPLR
LLRLR
LLRLR
LLRLR
LLRLR
LLRLR
Comment
Clear
Load R1 with n
Load R2 with (16-n)
Shift 1st MS byte
Shift 1st LS byte
OR 1st bytes and
shift 2nd MS byte
Shift 2nd LS byte
and output first result
Shift 3rd LS byte
Repeat instruction pair 5/ and 6/ until all 16 bit fields have been selected.
Table 6
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply voltage Vcc
-0.5V to 7.0V
Input voltage V
IN
-0.9 to Vcc + 0.9V
Output voltage V
OUT
-0.9 to Vcc + 0.9V
Clamp diode current per pin Ik (see note 2)
±18mA
Static discharge voltage (HMB)
500V
Storage temperature T
S
-65
°C to +150°C
Ambient temperature with
power applied T
amb
Military
-40
°C to +125°C
Industrial
-40
°C to +85°C
Package power dissipation PTOT
AC
1000mw
LC
1000mw
NOTES
1. Exceeding these ratings may cause permanent damage.
Functional operation under these conditions is not implied.
2. Maximum dissipation or 1 second should not be exceeded, only
one output to be tested at any one time.
THERMAL CHARACTERISTICS
Package type
ΘJC
°C/W
ΘJA
°C/W
AC
12
36
GC
12
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com