Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDSP16116 Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # PDSP16116
Description  16 X 16 Bit Complex Multiplier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16116 Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button PDSP16116 Datasheet HTML 3Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 4Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 5Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 6Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 7Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 8Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 9Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 10Page - Mitel Networks Corporation PDSP16116 Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
PDSP16116
7
Shifter
Each of the two adder/subtractors are followed by shifters
controlled via the WTB control input. These shifters can each
apply two different shifts; however, the same shift is applied to
both real and imaginary components. The four shift options are:
1. WTB1:0 = 11 Shift complex product one place to the left, giving a shifter output format:
Bit Number
30
Weighting
29 28 27 26
76543210
S
2
–30
2
–29
2
–28
2
–27
2
–26
2
–25
2
–24
2
–4
2
–3
2
–2
2
–1
31
25
2
–5 2–6
2
–31
The effective weighting of the sign bit is 220
Bit Number
30
Weighting
29 28 27 26
76543210
S
2
–30
2
–29
2
–28
2
–27
2
–26
2
–25
2
–24
2
–4
2
–3
2
–2
2
0
31
2
–1
8
2
–22 2–23
2. WTB1:0 = 00 No shift applied, giving a shifter output format:
Bit Number
30
Weighting
29 28 27 26
6543210
S
2
–29
2
–28
2
–27
2
–26
2
–25
2
–24
2
–4
2
–3
2
–2
2
0
31
2
–1
2
–23
2
1
25
2
–5
24
The effective weighting of the sign bit is 222
The effective weighting of the sign bit is 221
The effective weighting of the sign bit is 223
4. WTB1:0 = 10 Shift complex product two places to the right, giving a shifter output format:
Bit Number
30
Weighting
29 28 27 26
6543210
S
2
–28
2
–27
2
–26
2
–25
2
–24
2
–4
2
–3
2
–2
2
0
31
2
–1
2
–23
2
1
25 24
2
2
2
–22
3. WTB1:0 = 01 Shift complex product one place to the right, giving a shifter output format:
PIN DESCRIPTIONS
XR, XI, YR, YI
Data inputs, 16 bits. Data is loaded into the input registers
from these ports on the rising edge of CLK. The data format is
fractional two’s complement, where the MSB (sign bit) is bit 15.
In normal mode the weighting of the MSB is 220 i.e. 21.
PR, PI
Data outputs, 16 bits. Data is clocked into the output regis-
ters and passed to the PR and PI outputs on the rising edge of
CLK. The data format is fractional two’s complement. The field
of the internal result selected for output via PR and PI is control-
led by signals OSEL1:0 (see Table 4).
CLK
Common clock to all internal registers
Clock enables for X and Y input ports. When low these inputs
enable the CLK signal to the X or Y input registers, allowing
new data to be clocked into the Multiplier.
CONX, CONY
Conjugate controls. If either of these inputs is high on the
rising edge of CLK, then the data on the associated input has its
imaginary component inverted (multiplied by 21), see Table 3.
CONX and CONY affect data input on the same clock rising
edge.
ROUND
The ROUND control pin is used to round the most significant 16
bits of the output register. The ROUND input is not latched and is
intended to be tied high or low depending upon the application.
MSR and LSR are the most and least siginificant 16-bit words
of the real shifter output, MSl and LSl are the most and least
significant 16-bit words of the imaginary shifter output.
The output select options allow two different modes for ex-
tracting the full 32-bit result from the PDSP16116. The first mode
treats the two 16-bit outputs as real and imaginary ports, allow-
ing the real and imaginary results to be output in two halves on
the real and imaginary output ports. The second mode treats
the two 16-bit outputs as one 32-bit output and allows the real
and imaginary results to be output as 32-bit words.
Table 4 Output selection
Overflow
If the left shift option is selected and the adder/subtractor
contains a 32-bit word, then an invalid result will be passed to
the output. An invalid output arising from this combination of
events will be flagged by the SFTA0 flag output. The SFTA0 flag
will go high if either the real or imaginary result is invalid.
Output Select
The output from the shifters is passed to the output select
mux, which is controlled via the OSEL inputs. These inputs are
not registered and hence allow the output combination to be
changed within each cycle. The full complex 64-bit result from
the multiplier may therefore be output within a single cycle. The
OSEL control selects four different output combinations as
summarised in Table 4.
OSEL1
0
1
0
1
P1
PR
OSEL0
MSR
LSR
MSR
MSI
0
0
1
1
MSI
LSI
LSR
LSI
CEX, CEY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com