Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDSP16256GC Datasheet(PDF) 19 Page - Mitel Networks Corporation

Part # PDSP16256GC
Description  Programmable FIR Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16256GC Datasheet(HTML) 19 Page - Mitel Networks Corporation

Back Button PDSP16256GC Datasheet HTML 15Page - Mitel Networks Corporation PDSP16256GC Datasheet HTML 16Page - Mitel Networks Corporation PDSP16256GC Datasheet HTML 17Page - Mitel Networks Corporation PDSP16256GC Datasheet HTML 18Page - Mitel Networks Corporation PDSP16256GC Datasheet HTML 19Page - Mitel Networks Corporation PDSP16256GC Datasheet HTML 20Page - Mitel Networks Corporation PDSP16256GC Datasheet HTML 21Page - Mitel Networks Corporation PDSP16256GC Datasheet HTML 22Page - Mitel Networks Corporation PDSP16256GC Datasheet HTML 23Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
PDSP16256
19
Control Register
The internal operation of the PDSP16256 is
controlled by the status of a 16-bit control register. In
the dual filter modes both networks are controlled by
the same register. The significance of the various
bits are shown in Table 6. Tables 7 and 8 define the
control register bit interdependence for the filter and
bank swapping modes.
The control register is double buffered. This allows
the writing of a new control word without affecting the
current operation of the device. To activate the new
control register after it has been written to the device
the bank swap signal must be toggled. After a reset
the active control register is loaded directly and bank
swap need not be used.
Control
Register
Function
Bits
765
0
X
0
Control by input pin
1
0
0
Lower bank selected
1
1
0
Upper bank selected
X
X
1
Swap on every sample clock
Bits
Decode
Function
15
0
Dual filter mode
15
1
Single filter mode
14:13
00
Sample rate is the system clock
14:13
01
Sample rate is half the system clock
14:13
10
Sample rate is quarter the system
clock
14:13
11
Sample rate is eighth the system clock
12
0
Output rate equals the input rate
12
1
Decimate-by-two
11:10
00
Intermediate device
11:10
01
Interface device
11:10
10
Termination device
11:10
11
Single device
9:8
00
These bits MUST be at logical zero
7
0
Bank swap is controlled by input pin
7
1
Bank swap is controlled by Bit 6
6
0
Lower bank if bit 7 is set
6
1
Upper bank if bit 7 is set
5
This bit must be at logical zero
4
0
Two independent filters
4
1
Two filters in cascade
3:0
These bits MUST be at logical zero
Control
Register
Function
Bits
15
4
0
0
Two independent filters
0
1
Two filters in cascade
1
X
Single Filter
Table 8 Control register bank swap bits
Table 7 Control register filter mode bits
Table 6 Control register bit allocation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com