Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE2011E Datasheet(PDF) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE2011E
Description  NCE N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE2011E Datasheet(HTML) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE2011E Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2011E Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2011E Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2011E Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2011E Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2011E Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2011E Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Wuxi NCE Power Semiconductor Co., Ltd
Page
v1.0
2
NCE2011E
Pb Free Product
http://www.ncepower.com
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Gate-Body Leakage Current
IGSS
VGS=±10V,VDS=0V
-
-
±10
μA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
0.6
0.8
1.2
V
VGS=4.5V, ID=10A
-
5.5
7
mΩ
Drain-Source On-State Resistance
RDS(ON)
VGS=2.5V, ID=5.5A
-
7
9
mΩ
Forward Transconductance
gFS
VDS=5V,ID=11A
25
-
-
S
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
-
1710
-
PF
Output Capacitance
Coss
-
232
-
PF
Reverse Transfer Capacitance
Crss
VDS=10V,VGS=0V,
F=1.0MHz
-
200
-
PF
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
-
2.5
nS
Turn-on Rise Time
tr
-
7.2
nS
Turn-Off Delay Time
td(off)
-
49
nS
Turn-Off Fall Time
tf
VDD=10V,RL=1Ω
VGS=10V,RGEN=3Ω
-
10.8
nS
Total Gate Charge
Qg
-
17.5
nC
Gate-Source Charge
Qgs
-
1.5
-
nC
Gate-Drain Charge
Qgd
VDS=10V,ID=10A,
VGS=4.5V
-
4.5
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
VSD
VGS=0V,IS=1A
-
-
1.2
V
Diode Forward Current
(Note 2)
IS
-
-
11
A
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com