Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDSP16488C0 Datasheet(PDF) 20 Page - Mitel Networks Corporation

Part # PDSP16488C0
Description  Single Chip 2D Convolver with Integral Line Delays
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16488C0 Datasheet(HTML) 20 Page - Mitel Networks Corporation

Back Button PDSP16488C0 Datasheet HTML 16Page - Mitel Networks Corporation PDSP16488C0 Datasheet HTML 17Page - Mitel Networks Corporation PDSP16488C0 Datasheet HTML 18Page - Mitel Networks Corporation PDSP16488C0 Datasheet HTML 19Page - Mitel Networks Corporation PDSP16488C0 Datasheet HTML 20Page - Mitel Networks Corporation PDSP16488C0 Datasheet HTML 21Page - Mitel Networks Corporation PDSP16488C0 Datasheet HTML 22Page - Mitel Networks Corporation PDSP16488C0 Datasheet HTML 23Page - Mitel Networks Corporation PDSP16488C0 Datasheet HTML 24Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
20
Switching Characteristics, operational timings
CLK low time
CLK high time
Data in setup time
Data in hold time
CLK rising to output delay
L7:0 output delay
HRES low setup time
Output enable time
Output disable time
X15:0 Expansion setup time
X15:0 Expansion hold time
32-bit multiplexed output
16-bit output
32-bit multiplexed output
16-bit output
Increase to 24ns for DELOP output
Measured with a 15k
Ω series resistor and 30pF
load capacitance
Conditions
Characteristic
Value
Min.
25
10
25
10
10
0
10
5
7
Symbol
Max.
21
20
15
15
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Units
tCL
tCH
tDSU
tDH
tRD
tLD
tRSU
tDLZ
tDHZ
tXSU
tXDH
L7:0 LINE STORE OUTPUTS
HRES
OEN
DATA AND FLAG OUTPUTS
CLK
PIXEL DATA IN
X15:0 DATA IN
tLD
tCH
tRSU
VALID
VALID
VALID
VALID
VALID
VALID
VALID
HIGH Z (D15:0 ONLY)
VALID
tCL
tRD
tDSU
tDH
tDHZ
tDLZ
tXSU
tXDH
tXSU
tXDH
Fig. 12 Operational timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com