Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSLS2512 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WSLS2512
Description  Power Metal Strip® Resistors, Improved Stability (0.25 % and 0.5 %), Low Value, Surface Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSLS2512 Datasheet(HTML) 1 Page - Vishay Siliconix

  WSLS2512_15 Datasheet HTML 1Page - Vishay Siliconix WSLS2512_15 Datasheet HTML 2Page - Vishay Siliconix WSLS2512_15 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WSLS2512, Improved Stability
www.vishay.com
Vishay Dale
Revision: 05-Mar-14
1
Document Number: 30123
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power Metal Strip® Resistors, Improved Stability
(0.25 % and 0.5 %), Low Value, Surface Mount
FEATURES
• Current sensing in high-temperature (+ 125 °C)
applications
• Greater
stability
with maximum
resistance
change of 0.25 % or 0.5 % through 2000 h
workload
• Ideal for all types of current sensing, voltage
division
and
pulse
applications
including
switching
and
linear
power
supplies,
instruments, power amplifiers and shunts
• Proprietary
processing
technique
produces
extremely low resistance values (0.01
 to 0.1 )
• All welded construction
• Solid metal nickel-chrome resistive element with low TCR
(< 20 ppm/°C)
• Very low inductance 0.5 neH to 2 nH
• Excellent frequency response to 50 MHz
• Low thermal EMF (< 3 μV/°C)
• AEC-Q200 qualified (1)
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) Flame retardance test may not be applicable to some resistor
technologies.
Note
• Part marking: Value, RTC/stability code.
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL MODEL
SIZE
POWER RATING
P70 °C
W
TOLERANCE
± %
RESISTANCE
VALUE RANGE
WEIGHT
(typical)
g/1000 pieces
WSLS2512
2512
1.0
0.5, 1.0, 5.0
0.01 to 0.1
63.6
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RESISTOR CHARACTERISTICS
Temperature coefficient
ppm/°C
± 75
Element TCR
ppm/°C
< 20
Operating temperature range
°C
- 65 to + 170
Maximum working voltage
V
(P x R)1/2
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: WSLS2512R0100FHEA
GLOBAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
RTC/STABILITY
PACKAGING CODE
SPECIAL
WSLS2512
R = Decimal
R0100 = 0.01
D = ± 0.5 %
F = ± 1.0 %
J = ± 5.0 %
G = 75 ppm,
0.25 % stability
H = 75 ppm,
0.5 % stability
EA = Lead (Pb)-free,
tape/reel
EK = Lead (Pb)-free,
bulk
(Dash number)
(up to 2 digits)
From 1 to 99 as
applicable
S
L
S
2
5
1
2
R
0
1
0
0
F
H
W
E
A


Similar Part No. - WSLS2512_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSLS25125L000DGEA VISHAY-WSLS25125L000DGEA Datasheet
125Kb / 3P
Improved Stability (0.25 % and 0.5 %), Power Metal Strip® Resistors Low Value (0.01 Ω to 0.1 Ω), Surface Mount
06-Oct-08
WSLS25125L000DGEK VISHAY-WSLS25125L000DGEK Datasheet
125Kb / 3P
Improved Stability (0.25 % and 0.5 %), Power Metal Strip® Resistors Low Value (0.01 Ω to 0.1 Ω), Surface Mount
06-Oct-08
WSLS25125L000DHEA VISHAY-WSLS25125L000DHEA Datasheet
125Kb / 3P
Improved Stability (0.25 % and 0.5 %), Power Metal Strip® Resistors Low Value (0.01 Ω to 0.1 Ω), Surface Mount
06-Oct-08
WSLS25125L000DHEK VISHAY-WSLS25125L000DHEK Datasheet
125Kb / 3P
Improved Stability (0.25 % and 0.5 %), Power Metal Strip® Resistors Low Value (0.01 Ω to 0.1 Ω), Surface Mount
06-Oct-08
WSLS25125L000FGEA VISHAY-WSLS25125L000FGEA Datasheet
125Kb / 3P
Improved Stability (0.25 % and 0.5 %), Power Metal Strip® Resistors Low Value (0.01 Ω to 0.1 Ω), Surface Mount
06-Oct-08
More results

Similar Description - WSLS2512_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL3921 VISHAY-WSL3921 Datasheet
116Kb / 2P
Power Metal Strip Resistors, Low Value, Surface Mount
29-Mar-05
WSL2726 VISHAY-WSL2726 Datasheet
130Kb / 3P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
27-Aug-08
WSL4026 VISHAY-WSL4026 Datasheet
141Kb / 3P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
31-Jul-08
WSLS2512 VISHAY-WSLS2512 Datasheet
125Kb / 3P
Improved Stability (0.25 % and 0.5 %), Power Metal Strip® Resistors Low Value (0.01 Ω to 0.1 Ω), Surface Mount
06-Oct-08
WSL4026 VISHAY-WSL4026_11 Datasheet
107Kb / 3P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
07-Sep-11
WSL2512R0250FEA VISHAY-WSL2512R0250FEA Datasheet
86Kb / 3P
Power Metal Strip Resistors, Low Value, Surface Mount
06-Jun-12
WSR3R2000FEA VISHAY-WSR3R2000FEA Datasheet
89Kb / 3P
Power Metal Strip Resistors, Low Value, Surface Mount
17-Jan-13
WSLS2512R0200FHEB VISHAY-WSLS2512R0200FHEB Datasheet
94Kb / 3P
Power Metal Strip® Resistors, Improved Stability (0.25 % and 0.5 %), Low Value, Surface Mount
05-Mar-14
WSL2726 VISHAY-WSL2726_15 Datasheet
98Kb / 4P
Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
11-May-15
WSL2726 VISHAY-WSL2726_V01 Datasheet
158Kb / 5P
Power Metal Strip® Resistors, Low Value, High Power, Surface-Mount, 4-Terminal
27-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com