Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDSP16488B0 Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # PDSP16488B0
Description  Single Chip 2D Convolver with Integral Line Delays
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16488B0 Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button PDSP16488B0 Datasheet HTML 6Page - Mitel Networks Corporation PDSP16488B0 Datasheet HTML 7Page - Mitel Networks Corporation PDSP16488B0 Datasheet HTML 8Page - Mitel Networks Corporation PDSP16488B0 Datasheet HTML 9Page - Mitel Networks Corporation PDSP16488B0 Datasheet HTML 10Page - Mitel Networks Corporation PDSP16488B0 Datasheet HTML 11Page - Mitel Networks Corporation PDSP16488B0 Datasheet HTML 12Page - Mitel Networks Corporation PDSP16488B0 Datasheet HTML 13Page - Mitel Networks Corporation PDSP16488B0 Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
10
4 CLOCK
DELAY
LINE
DELAYS
0
DELAYS
Σ
WIDTH = S
+
4 CLOCK
DELAYS
0
DELAYS
0
DELAYS
ZERO
REG B3 = 1
DELAY = 0, DEFINED BY REG D3:2 = 00
REG D0 = 0
4 CLOCK
DELAY
LINE
DELAYS
0
DELAYS
Σ
WIDTH = S
+
4 CLOCK
DELAYS
D
DELAYS
0
DELAYS
REG B3 = 0
D = 4 S(N 1) DEFINED BY REG D3:2
REG D0 = 0
4 CLOCK
DELAY
LINE
DELAYS
0
DELAYS
Σ
WIDTH = S
+
D
DELAYS
0
DELAYS
4 CLOCK
DELAY
LINE
DELAYS
0/4
DELAYS
Σ
WIDTH = S
+
0
DELAYS
0
DELAYS
REG D0 = 0 IF S = 4,
OR REG D0 = 1 IF S = 8
Nth PDSP16488A IN THE ROW
4 CLOCK
DELAY
LINE
DELAYS
0/4
DELAYS
Σ
WIDTH = S
+
D
DELAYS
0
DELAYS
Nth PDSP16488A IN THE ROW
4 CLOCK
DELAY
LINE
DELAYS
0/4
DELAYS
Σ
WIDTH = S
+
D
DELAYS
0
DELAYS
REG B3 = 1
D = 4 S(N 1) DEFINED BY REG D3:2
Nth PDSP16488A IN THE ROW
INPUT
OUTPUT
PDSP16488A
PDSP16488A
PDSP16488A
REG B3 = 1
DELAY = 0, DEFINED BY REG D3:2 = 00
REG D0 = 0 IF S = 4,
OR REG D0 = 1 IF S = 8
REG B3 = 1
D = 4 S(N 1) DEFINED BY REG D3:2
REG D0 = 0 IF S = 4,
OR REG D0 = 1 IF S = 8
REG B3 = 0
D = 4 S(N 1) DEFINED BY REG D3:2
REG D0 = 0
Fig. 7 Multi-device delay paths
Delay Compensation for Large Windows
A large window is composed of several partial windows each of
which is implemented in an individual device. If necessary the partial
window must be padded with zero coefficients to become one of the
standard sizes. When constructing a large window it is necessary to
delay the expansion data inputs in order to compensate for growth
in the horizontal direction. Delays in the partial sums are also
necessary to compensate for the total pipeline delay needed to
produce the previous complete horizontal stripe.
Within each device in a horizontal stripe, apart from the first,
the expansion input must be delayed by the width of the partial
window, before it is added to the internal sum. Since partial
windows can only be 4 or 8 pixels wide, a delay of 4 or 8 pixel
clocks is needed. There is, however, an in-built delay of 4 pixels
in the inter device connection, and the PDSP16488A thus only
needs an option to delay the expansion input by an additional four
pixels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com