Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SATURN Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SATURN
Description  CDMA/AMPS dual Band IF Receiver for Digital Phones
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SATURN Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SATURN Datasheet HTML 1Page - Mitel Networks Corporation SATURN Datasheet HTML 2Page - Mitel Networks Corporation SATURN Datasheet HTML 3Page - Mitel Networks Corporation SATURN Datasheet HTML 4Page - Mitel Networks Corporation SATURN Datasheet HTML 5Page - Mitel Networks Corporation SATURN Datasheet HTML 6Page - Mitel Networks Corporation SATURN Datasheet HTML 7Page - Mitel Networks Corporation SATURN Datasheet HTML 8Page - Mitel Networks Corporation SATURN Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Preliminary Information
SATURN
Electrical Characteristics (Mode Control)
Description
ENAVLE STARTUP
MODE CDMA BAND 1900
Conditions
Standby Mode
0
0
X
X
All circuits powered down
except logic inputs
Start up Mode
0
1
X
1
For high band IF
(210.38MHz)
0
1
X
0
For low band IF (85.38MHz)
Turns on VCO circuits, DLL
quadrature generation,
prescaler and IQ
demodulator. All other
circuits remain powered
down
CDMA mode
1
1
1
1
For high band IF
(210.38MHz)
1
1
1
0
For low band IF (85.38MHz)
All circuits operational
except for IF output buffer,
CDMA input stage selected.
FM Mode
1
1
0
0
All circuits operational
except for IF output buffer,
FM input stage selected.
Alternative FM mode
1
1
0
1
Note 4
CDMA IF AGC
1
0
1
X
Demodulator and LO
only mode
generation circuitry powered
down. IF output buffer
enabled
FM IF AGC
1
0
0
X
Demodulator and LO
generation circuitry powered
down. IF output buffer
enabled.
X = Don’t Care
Notes
1.
STARTUP mode is provided to allow VCO/DLL/prescalers to stabilise before signal path is activated. This is a power-saving
feature since the signal path is redundant during this period. If this feature is not required, the ENABLE and STARTUP
control pins can be shorted together so that all circuitry is activated at the same time.
2.
In high band mode (Band 1900 = 1) the VCO operates at twice the IF frequency. For example if IF = 210.38MHz then the
oscillator operates at 420.76MHz. A delay locked loop (DLL) circuit then generates the quadrature LO signals. The prescaler
output, VHFBUF, is VCO frequency divided by 8 (52.494MHz).
3.
In low band mode (Band 1900 = 0) the VCO operates at 4 times the IF frequency. for example if IF = 85.38MHz the oscillator
operates at 341.52MHz. This is then divided and uses DLL circuit to provide the quadrature LO signals. The prescaler output,
VHFBUF, is VCO frequency divided by 8 (42.69MHz).
4
This mode can be used for FM. The VCO operates at twice the LO frequency. This mode is not normally used as a large
tuning range is required on the VCO. Prescaler output is LO frequency divided by four.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com