Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1710 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SL1710
Description  Quadrature Downconverter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL1710 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SL1710 Datasheet HTML 1Page - Mitel Networks Corporation SL1710 Datasheet HTML 2Page - Mitel Networks Corporation SL1710 Datasheet HTML 3Page - Mitel Networks Corporation SL1710 Datasheet HTML 4Page - Mitel Networks Corporation SL1710 Datasheet HTML 5Page - Mitel Networks Corporation SL1710 Datasheet HTML 6Page - Mitel Networks Corporation SL1710 Datasheet HTML 7Page - Mitel Networks Corporation SL1710 Datasheet HTML 8Page - Mitel Networks Corporation SL1710 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
SL1710
ELECTRICAL CHARACTERISTICS
Tamb= 0
o
C to +80
o
C, Vee= 0V, Vcc = 4.75 to 5.25 V, Fif = 479.5 MHz, IF bandwidth ± 15 MHz, output amplitude -11dBV
These characteristics are guaranteed by either production test or design. They apply within the specified ambient temperature
and supply voltage unless otherwise stated.
Value
Characteristic
Pin
Min
Typ
Max
Units
Conditions
Supply voltage
6,9,16
4.75
5.25
V
Supply current
6,9,16
94
110
mA
RF Input
RF freq range
4, 5
350
500
MHz
Impedance
4, 5
75
ohm
@ 480MHz. Fig. 4
VSWR
4, 5
1.7
@ 480MHz. Fig. 4
Noise Figure
4, 5
19
dB
AGC at maximum gain
Noise Figure variation with
4, 5
0.5
1
dB/dB
gain
VCO
V
CO
freq (fo) control range
13, 14
350
500
MHz
External tank circuit with varicap
Phase noise
13, 14
-85
dBc/Hz
@ 10kHz from fo. but measured in
I or Q output. Note (1, 2)
Fo sensitivity to V
CC
13, 14
2
MHz/Volt
Fixed external components and no
control loop
Fo sensitivity to temperature
13, 14
40
KHz/
°C
Uncompensation
Prescaler output,
VOH
10, 11
V
CC
-0.96
Volt
At 25
°C
VOL
10, 11
V
CC
-1.65
Volt
Prescaler output duty cycle
10, 11
40
60
%Under maximum load conditions
Fig. 5
AGC
Gain, Vagc = +2.5V
40
dB
Temp stability of gain
1
±2
dB
For any gain setting 0V to 5V
Gain, Vagc = +0.5V
1
44
dB
See Fig.6
Gain, Vagc = + V
CC -0.5V
1
32
dB
See Fig.6
AGC range
18
dB
I Q outputs
480MHz local oscillator, 481 to
495MHz RF input @ -51dBV
Gain set to give -11dBV,
1-15MHz baseband output into
maximum load. Fig. 7
Output impedance
2, 7
8
ohm
Fig. 8
Output clipping level
2, 7
1.5
V p-p
I phase lag with respect to Q
2, 7
88
90
92
degs
1 -15MHz
IQ crosstalk
20
dB
Output amplitude match
2, 7
1
dB
I releative to Q, 1 -15MHz
Baseband flatness
2, 7
±1
dB
1-15MHz, 1k
Ω 15pF load
Two tone 3rd order intercept
2, 7
+3
dBV
Referred to output. @ 1MHz
point
Output load 1kohm, 15pF, all
AGC settings, 0.7V pk-pk output
Im3
2, 7
28
dBc
LO, and Sputii in IQ outputs
2, 7
-30
dBV
1-100MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com