Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1914 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # SL1914
Description  Satellite Tuner Front End LNA with AGC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL1914 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  SL1914 Datasheet HTML 1Page - Mitel Networks Corporation SL1914 Datasheet HTML 2Page - Mitel Networks Corporation SL1914 Datasheet HTML 3Page - Mitel Networks Corporation SL1914 Datasheet HTML 4Page - Mitel Networks Corporation SL1914 Datasheet HTML 5Page - Mitel Networks Corporation SL1914 Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SL1914
Preliminary Information
Absolute Maximum Ratings
All voltages referred to Vee at 0V.
Characteristics
Min
Max
Unit
Conditions
Supply voltage
-0.3
7
V
IFIN and IFINB input voltage
117
dB
µV
Transient condition only
All I/O port DC offset
-0.3
VCC+0.3
V
Except AGC (pin 4)
AGC input DC offset
-0.3
4
V
Storage temperature
-55
150
°C
Junction temperature
150
°C
Package thermal resistance,
39.8
°C/W
chip to case
Package thermal resistance,
120
°C/W
chip to ambient
Power consumption at 5.25V
790
mW
ESD protection
2
kV
Mil std-883 latest revision
method 3015 class 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com