Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL6140 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SL6140
Description  400MHz Wideband AGC Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL6140 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SL6140 Datasheet HTML 1Page - Mitel Networks Corporation SL6140 Datasheet HTML 2Page - Mitel Networks Corporation SL6140 Datasheet HTML 3Page - Mitel Networks Corporation SL6140 Datasheet HTML 4Page - Mitel Networks Corporation SL6140 Datasheet HTML 5Page - Mitel Networks Corporation SL6140 Datasheet HTML 6Page - Mitel Networks Corporation SL6140 Datasheet HTML 7Page - Mitel Networks Corporation SL6140 Datasheet HTML 8Page - Mitel Networks Corporation SL6140 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
SL6140
Figure 2 Pin Connections Diagram (top view)
MP8
Electrical Characteristics
T
amb = 25°C, VCC = 12V +5%, VIN = 1mVRMS, Frequency = 6MHz, Load (RL) = 10KOHms, RAGC = 22KOHm
These characteristics are guaranteed over the following conditions (unless otherwise stated)
18
27
36
45
OUTPUT
INPUT
+VCC
GROUND
INPUT
AGC INPUT
OUTPUT
GROUND
5,6,7
5,6
(sum)
5,6
2
5,6
5,6
5,6
5,6
5,6
5,6
19
7
1.0
75
45
55
15
25
400
3.5
3.5
5
mA
mA
mA
dB
dB
dB
dB
MHz
V p-p
V p-p
dB
Supply current
Output stage current
Output current matching
(magnitude of difference of output
currents)
AGC range
Voltage gain (single ended)
Bandwidth (-3dB)
Maximum output level (single
ended)
0dB AGC
-30dB AGC
Noise figure
5
60
40
23
9
No input signal
No input signal
See Figure 4 & Note 1
(VAGC = 0V to 10V)
R
L = 1kΩ See Figure 5 & Note 1
Tuned input and output
R
L = 50Ω
RL = 1k
Ω See Figure 5
RL = 50
Ω
Note 1
R
L = 1kΩ. Note 1
Test CCT Figure 13
Max
Typ
Min
Pin
Units
Characteristic
Conditions
Value
Note. 1
Guaranteed but not tested.
Absolute Maximum Ratings
Supply voltage, V
CC
+18V
Input voltage (differential)
+5V
AGC supply
V
CC
Storage temperature
-55
°C to +150°C
Operating temperature range
SL6140
MP
-40
°C to +85°C
at 200mW
Chip operating temperature
SL6140
MP
+150
°C
Thermal Resistance
Chip-to-ambient
SL6140
MP
163
°C/W
Chip-to-case
SL6140
MP
57
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com