Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP435 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP435
Description  짹1째C TEMPERATURE SENSOR with Series-R,n-Factor, Automatic Beta Compensation and Programmable Addressing
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP435 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP435 Datasheet HTML 3Page - Texas Instruments TMP435 Datasheet HTML 4Page - Texas Instruments TMP435 Datasheet HTML 5Page - Texas Instruments TMP435 Datasheet HTML 6Page - Texas Instruments TMP435 Datasheet HTML 7Page - Texas Instruments TMP435 Datasheet HTML 8Page - Texas Instruments TMP435 Datasheet HTML 9Page - Texas Instruments TMP435 Datasheet HTML 10Page - Texas Instruments TMP435 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
2.5
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
2.5
-
-
-
-
-
0
100
200
300
400
500
R ( )
W
S
3
2
1
0
1
2
3
-
-
-
0
100
200
300
400
500
600
700
800
900
1k
R ( )
W
S
Diode-ConnectedTransistor,2N3906(PNP)
(2)
GNDCollector-ConnectedTransistor,2N3906(PNP)
(1)(2)
NOTES(1):Temperatureoffsetistheresultof
n-factorbeingautomaticallysetto1.000.
Approximaten-factorof2N3906is1.008.
(2)SeeFigure11forschematicconfiguration.
3
2
1
0
1
2
3
-
-
-
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Capacitance(nF)
GNDCollector-ConnectedTransistor(Auto)
Low-BetaTransistor(Disabled)
NOTE:SeeFigure12forschematicconfiguration.
Diode-Connected
Transistor(Auto,Disabled)
GNDCollector-
Connected
Transistor(Disabled)
3
2
1
0
1
2
3
-
-
-
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Capacitance(nF)
Low-BetaTransistor(Auto)
TMP435
www.ti.com
SBOS495A – MARCH 2010 – REVISED APRIL 2010
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VS = 3.3V, unless otherwise noted.
REMOTE TEMPERATURE ERROR vs SERIES RESISTANCE
REMOTE TEMPERATURE ERROR vs SERIES RESISTANCE
(Low-Beta Transistor)
Figure 7.
Figure 8.
REMOTE TEMPERATURE ERROR
REMOTE TEMPERATURE ERROR
vs DIFFERENTIAL CAPACITANCE
vs DIFFERENTIAL CAPACITANCE with 45nm CPU
AT +25°C, VCC = 3.3V, RS = 0Ω
AT +25°C, VCC = 3.3V, RS = 0Ω, Beta = 011 (AUTO)
Figure 9.
Figure 10.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TMP435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com