Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44801 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44801
Description  2.4mm Female Bulkhead Precision Connector Clamp/ Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405, .252 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44801 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44801 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44801 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44801 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
2.4mm Female Bulkhead Precision Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL,
PE-SR405FLJ, RG405, .252 inch D Hole
Configuration
Connector
2.4mm Female
Connector Specification
IEEE-STD-P287*
Connector Interface Type
PE-SR405AL,PE-SR405FL,PE-SR405FLJ,RG405
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Connector Design
Precision
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 50
Impedance, Ohms
50
Maximum VSWR
1.35:1
Mechanical Specifications
Size
Length, in [mm]
0.965 [24.51]
Width/Dia., in [mm]
0.375 [9.53]
.
Connector
Type
2.4mm Female
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
50µ Inches.
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
SAE-AMS-2700
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2700
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Female Bulkhead Precision Connector Clamp/Solder Attachment For PE-SR405AL,
PE-SR405FL, PE-SR405FLJ, RG405, .252 inch D Hole PE44801
PE44801
PE44801 REV
2.4mm Female Bulkhead Precision Connector Clamp/
Solder Attachment For PE-SR405AL, PE-SR405FL,
PE-SR405FLJ, RG405, .252 inch D Hole


Similar Part No. - PE44801

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4480 PASTERNACK-PE4480 Datasheet
223Kb / 3P
HN Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4480 PASTERNACK-PE4480 Datasheet
320Kb / 3P
HN Male Right Angle Connector Clamp/Solder Attachment
PE44800 PASTERNACK-PE44800 Datasheet
282Kb / 3P
1.85mm Female Precision Connector Clamp-Solder
PE44802 PASTERNACK-PE44802 Datasheet
301Kb / 3P
1.85mm Female Bulkhead Precision Connector Clamp
PE44804 PASTERNACK-PE44804 Datasheet
243Kb / 2P
TNC Male Connector with Delrin Insulator Crimp - Crimp Attachment For PE-C200, LMR-200
More results

Similar Description - PE44801

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4147 PASTERNACK-PE4147 Datasheet
503Kb / 2P
TNC Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, PE-SR405FLJ, .480 inch D Hole
PE44346 PASTERNACK-PE44346 Datasheet
228Kb / 3P
2.4mm Female Bulkhead Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .252 inch D Hole
PE44704 PASTERNACK-PE44704 Datasheet
847Kb / 2P
N Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44706 PASTERNACK-PE44706 Datasheet
866Kb / 3P
N Female Bulkhead Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44694 PASTERNACK-PE44694 Datasheet
871Kb / 2P
SMA Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44696 PASTERNACK-PE44696 Datasheet
910Kb / 3P
SMA Female Bulkhead Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44712 PASTERNACK-PE44712 Datasheet
875Kb / 2P
TNC Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44714 PASTERNACK-PE44714 Datasheet
237Kb / 3P
TNC Female Bulkhead Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44796 PASTERNACK-PE44796 Datasheet
216Kb / 2P
2.92mm Male Precision Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44216 PASTERNACK-PE44216 Datasheet
376Kb / 3P
2.4mm Female Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com