Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP5611 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SP5611
Description  1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5611 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SP5611 Datasheet HTML 1Page - Mitel Networks Corporation SP5611 Datasheet HTML 2Page - Mitel Networks Corporation SP5611 Datasheet HTML 3Page - Mitel Networks Corporation SP5611 Datasheet HTML 4Page - Mitel Networks Corporation SP5611 Datasheet HTML 5Page - Mitel Networks Corporation SP5611 Datasheet HTML 6Page - Mitel Networks Corporation SP5611 Datasheet HTML 7Page - Mitel Networks Corporation SP5611 Datasheet HTML 8Page - Mitel Networks Corporation SP5611 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
SP5611
ELECTRICAL CHARACTERISTICS
TAMB = 240°C to 185°C, VCC = 14·5V to 15·5V, reference frequency = 4MHz.
These Characteristics are guaranteed by either production test or design. They apply within the specified ambient temperature
and supply voltage ranges unless otherwise stated.
Supply current
Prescaler input voltage
Prescaler input impedance
Prescaler input capacitance
SDA, SCL
Input high voltage
Input low voltage
Input high current
Input low current
Leakage current
SDA
Output voltage
Charge pump current low
Charge pump current high
Charge pump output leakage current
Charge pump drive output current
Charge pump amplifier gain
Recommended crystal series resistance
Crystal oscillator drive level
Crystal oscillator negative resistance
External reference input frequency
External reference input amplitude
Output Ports
P4-P7 sink current
P4-P7 leakage current
Input Ports
P3 input current high
P3 input current low
P4, P5, P7 input voltage low
P4, P5, P7 input voltage high
P6 input current high
P6 input current low
Typ.
Value
Conditions
Characteristic
Pin
12
13,14
13,14
13, 14
4,5
4,5
4,5
4,5
4,5
4
1
1
1
16
2
2
2
2
9-6
9-6
10
10
9,8,6
9,8,6
7
7
12·5
3
0
500
10
750
2
70
10
2·7
20
50
2
6
50
6
170
6400
80
1000
27
300
5·5
1·5
10
2
10
10
0·4
6
5
200
8
200
10
1
2
0·5
0·8
1
10
2
10
Units
Min.
Max.
mA
mVrms
Ω
pF
V
V
µA
µA
µA
V
µA
µA
nA
µA
Ω
mV p-p
Ω
MHz
mVrms
mA
µA
mA
mA
V
V
µA
µA
VCC = 4·5V to 5·5V (note 1)
50MHz to 1·3GHz sinewave,
see Fig. 5
Input voltage = VCC
Input voltage = 0V
When VCC = 0V
Sink current = 3mA
Byte 4, bit 2 = 0, pin 1 = 2V
Byte 4, bit 2 = 1, pin 1 = 2V
Byte 4, bit 4 = 1, pin 1 = 2V
V pin 16 = 0·7V
Parallel resonant crystal (note 2)
AC coupled sinewave
AC coupled sinewave
VOUT = 0·7V
VOUT = 13·2V
V pin 10 = VCC
V pin 10 = 0V
See Table 3 for ADC levels
NOTES
1. Maximum power consumption is 150mW with VCC = 5·5V and all ports off.
2. Resistance specified is maximum under all conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com