Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2005 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G2005
Description  51CH serial input motor driver IC for DSC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2005 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G2005 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.1
Feb 11, 2010
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G2005
Global Mixed-mode Technology Inc.
5+1CH serial input motor driver IC for DSC
Features
Built-in 4 full-swing/constant voltage drivers
switched by serial control with brake function
Built-in 2 constant current drivers for shutter or
IRIS
Low on-resistance (1.2
Ω, sum of on-resistance of
up side and bottom side)
Output current:IOUT<=0.8A(max.) for each channel
Built-in thermal shutdown (TSD, 150°C)
Built-in CC mode weak excitation
CH1/2 corresponds to STM control of 2-2 phase or
1-2 phase
Built-in exclusive control mode: CH13/23
the
combination control mode of 6CH is set
All power supply systems (VCC, VM12, VM3,
VM45) can be set up with an independent power
supply
Power save mode corresponds by serial control
setup
PI (photo interrupter drive) 3 channel built-in.
Small 32TQFN (4
×4mm) is adopted
Applications
Stepping motor driver/ DC motor driver for DSC
General Description
G2005 is a 5+1-channel H-Bridge motor drivers IC for the
digital camera and so on. It has four full-swing/constant
voltage drivers and two full-swing/constant current drivers.
G2005 can be operated in serial control mode or partial
exterior control mode. When operating in partial exterior
control mode, the mode of each CH is fixed by initial
serial control setting. When operating in serial control
mode, the mode of each driver can be setting by serial
control.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G2005K11U
2005
-20°C to +85°C
TQFN4X4-32
Note: K1: TQFN4X4-32
1: Bonding Code
U: Tape & Reel
Pin Configurations
CH1~3: CV/FS
CH4
:CC/CV/FS
CH5
:CC/FS
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.
G2005 TQFN4X4-32
1
2
3
4
5
6
18
19
20
21
22
23
Thermal
Pad
7
17
8
24
OUT1B
VM12
OUT2A
OUT2B
VM3
OUT3A
OUT3B
SDAT
OUT5B
VM45
OUT4A
RNF4
OUT4B
PI1
PI2
RNF5
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.
G2005 TQFN4X4-32
1
2
3
4
5
6
18
19
20
21
22
23
Thermal
Pad
7
17
8
24
OUT1B
VM12
OUT2A
OUT2B
VM3
OUT3A
OUT3B
SDAT
OUT5B
VM45
OUT4A
RNF4
OUT4B
PI1
PI2
RNF5


Similar Part No. - G2005

ManufacturerPart #DatasheetDescription
logo
Heyco.
G2005 HEYCO-G2005 Datasheet
98Kb / 1P
Rubber Push-In Bumpers
More results

Similar Description - G2005

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G2009 GMT-G2009 Datasheet
91Kb / 1P
42CH serial input motor driver IC for DSC
G2007 GMT-G2007 Datasheet
92Kb / 1P
6CH serial input motor driver IC for DSC
G2002 GMT-G2002 Datasheet
61Kb / 1P
51CH serial input motor driver IC for DSC
G2001 GMT-G2001 Datasheet
95Kb / 1P
61CH serial input motor driver IC for DSC
G2030 GMT-G2030 Datasheet
53Kb / 1P
51CH serial input motor driver IC for DSC
G2028 GMT-G2028 Datasheet
71Kb / 1P
51CH serial input motor driver IC for DSC
G2022 GMT-G2022 Datasheet
139Kb / 1P
81CH Series Input Motor Driver IC for DSC
G2018 GMT-G2018 Datasheet
105Kb / 1P
51CH serial input motor driver IC for DSC
G2012 GMT-G2012 Datasheet
68Kb / 1P
42CH serial input motor driver IC for DSC
logo
Princeton Technology Co...
PT5119 PTC-PT5119 Datasheet
496Kb / 4P
51CH DSC Motor Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com