Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2004 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G2004
Description  Constant current type 1-CH H-bridge driver IC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2004 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G2004 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.1
Mar 02, 2010
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G2004
Global Mixed-mode Technology Inc.
Constant current type 1-CH H-bridge driver IC
Features
Low voltage operation (VDD min=2.5V)
Low saturation voltage (sum of upside transistor
and bottom side transistor is 0.3V at 200mA)
Low input current.
Low current consumption (sleep mode with zero
current drain when EN is low.)
Build-in thermal shutdown (TSD, 150°C).
Small package:SOT-23-8 or TDFN 2X2-8
Applications
Shutter or Iris controller for DSC
Shutter or Iris controller for Mobile phone.
General Description
G2004 is a constant current type 1-CH H-bridge driver IC
with small package (SOT-23-8 or TDFN 2X2-8). It is one
channel constant current (200mA) with H-bridge motor
driver IC. It is suitable for camera module application for
DSC and Mobile phone.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G2004TM1U
2004x
-20°C to +85°C
SOT-23-8
G2004RC1U
2004
-20°C to +85°C TDFN2X2 -8
Note: TM: SOT-23-8 RC:TDFN2X2-8
1: Bonding Code
U: Tape & Reel
Pin Configurations
INA
SOT-23-8
1
2
3
4
5
6
7
8
G2004
INB
EN
VDD
OUTB
VSS
OUTA
RNF
Thermal
Pad
TDFN2X2-8
1
2
3
4
8
7
6
5
EN
INB
VDD
OUTB
OUTA
VSS
INA
1
2
3
4
8
7
6
5 RNF
G2004
Thermal
Pad (EP)
Note: Recommend connecting the Thermal Pad (EP)
to the Ground for excellent power dissipation.
INA
SOT-23-8
1
2
3
4
5
6
7
8
G2004
INB
EN
VDD
OUTB
VSS
OUTA
RNF
Thermal
Pad
TDFN2X2-8
1
2
3
4
8
7
6
5
EN
INB
VDD
OUTB
OUTA
VSS
INA
1
2
3
4
8
7
6
5 RNF
G2004
Thermal
Pad (EP)
Note: Recommend connecting the Thermal Pad (EP)
to the Ground for excellent power dissipation.


Similar Part No. - G2004

ManufacturerPart #DatasheetDescription
logo
Heyco.
G2004 HEYCO-G2004 Datasheet
98Kb / 1P
Rubber Push-In Bumpers
More results

Similar Description - G2004

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1939T SANYO-LB1939T Datasheet
113Kb / 7P
2 Channel H Bridge Constant Voltage/ Constant Current Driver IC
LB1940T SANYO-LB1940T_06 Datasheet
297Kb / 8P
2-ch H-Bridge Constant Current Driver
LV8081GQ SANYO-LV8081GQ Datasheet
186Kb / 9P
Two channels Constant-current H-bridge Driver
LB1939T SANYO-LB1939T_09 Datasheet
67Kb / 7P
2 Channel H Bridge Constant Voltage/Constant Current Driver IC
LB1940T SANYO-LB1940T_09 Datasheet
267Kb / 8P
2-ch H-Bridge Constant Current Driver
LV8080LP SANYO-LV8080LP_09 Datasheet
98Kb / 8P
Two channels Constant-current H-bridge Driver
LV8080LP SANYO-LV8080LP_11 Datasheet
98Kb / 8P
Two channels Constant-current H-bridge Driver
logo
ON Semiconductor
LB1940T ONSEMI-LB1940T Datasheet
305Kb / 8P
Monolithic Digital IC 2-ch H-Bridge Constant Current Driver Constant-current control
June, 2013
LV8080LP-TE-L-E ONSEMI-LV8080LP-TE-L-E Datasheet
93Kb / 8P
Two channels Constant-current H-bridge Driver
June, 2013
LB1940T-TLM-H ONSEMI-LB1940T-TLM-H Datasheet
251Kb / 8P
2-ch H-Bridge Constant Current Driver
December, 2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com