Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2001 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G2001
Description  61CH serial input motor driver IC for DSC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2001 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G2001 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.6
Dec 20, 2012
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G2001
Global Mixed-mode Technology
6+1CH serial input motor driver IC for DSC
Features
Build-in two micro-steps drive mode is possible
from 2-2 phase stepper drive to maximum 256
resolution micro-steps.
Built in 2 full-swing/constant voltage/constant
current drivers switched by serial control with
brake function
Low on-resistance (1.2
Ω, sum of on-resistance of
upside and bottom side)
Output current:IOUT<=0.8A(max.) for each channel
Build-in thermal shutdown (TSD, 150°C)
All power supply systems (VCC, VM12, VM34,
VM5, VM6) can be set up with an independent
power supply
Power save mode corresponds by serial control
setup
PI (photo interrupter drive) 3 channel built-in.
Small 40TQFN (5
×5mm) is adopted
Build-in POR (power on reset).
Applications
Stepping motor driver/ DC motor driver motor
driver for DSC
General Description
G2001 is a 6+1-channel H-Bridge motor drivers IC for the
digital camera and so on. It has two micro-stepping drivers,
two full-swing/constant voltage/constant current drivers.
G2001 can be operated in serial control mode or partial
exterior control mode. When operating in partial exterior
control mode, the mode of each CH is fixed by initial
serial control setting. When operating in serial control
mode, the mode of each driver can be setting by serial
control.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G2001RG1U
2001
-20°C to +85°C TQFN5X5-40
Note: RG: TQFN5X5-40
1: Bonding Code
U: Tape & Reel
Pin Configurations
CH12:Micro_stepping
CH34:Micro_stepping
CH5: CC/CV/FS
CH6: CC/CV/FS
PI3
EXT1 / ST1
OUT2B
OUT2A
VM12
OUT1B
PGND12
OUT1A
GND
1
2
3
4
5
6
7
8
9
10
IN4
SLD
SCLK
SDAT
VM5
OUT5A
RNF5
OUT5B
G2001 TQFN5X5-40
Thermal
Pad
30
29
28
27
26
25
24
23
22
21
PGND12
IN3
Note: Thermal Pad must connect to the Ground for excellent power dissipation.
MOB1 / SDO
PI3
EXT1 / ST1
OUT2B
OUT2A
VM12
OUT1B
PGND12
OUT1A
GND
1
2
3
4
5
6
7
8
9
10
IN4
SLD
SCLK
SDAT
VM5
OUT5A
RNF5
OUT5B
G2001 TQFN5X5-40
Thermal
Pad
30
29
28
27
26
25
24
23
22
21
PGND12
IN3
Note: Thermal Pad must connect to the Ground for excellent power dissipation.
MOB1 / SDO


Similar Part No. - G2001

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G200 MPD-G200 Datasheet
75Kb / 2P
Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
logo
Shenzhen Taychipst Elec...
G200 TAYCHIPST-G200 Datasheet
1Mb / 3P
Silicon Z?밆iodes
logo
Vishay Siliconix
G200 VISHAY-G200 Datasheet
133Kb / 7P
Axial Vitreous Leaded Wirewound Resistors
28-Mar-17
logo
LEDTRONICS, INC
G200 LEDTRONICS-G200 Datasheet
4Mb / 28P
Miniature Based LED Lamps
logo
TDK Electronics
G200-25-3P208 TDK-G200-25-3P208 Datasheet
116Kb / 2P
Programmable Power Supplies
May 03, 2022
More results

Similar Description - G2001

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G2009 GMT-G2009 Datasheet
91Kb / 1P
42CH serial input motor driver IC for DSC
G2007 GMT-G2007 Datasheet
92Kb / 1P
6CH serial input motor driver IC for DSC
G2005 GMT-G2005 Datasheet
69Kb / 1P
51CH serial input motor driver IC for DSC
G2002 GMT-G2002 Datasheet
61Kb / 1P
51CH serial input motor driver IC for DSC
G2030 GMT-G2030 Datasheet
53Kb / 1P
51CH serial input motor driver IC for DSC
G2028 GMT-G2028 Datasheet
71Kb / 1P
51CH serial input motor driver IC for DSC
G2022 GMT-G2022 Datasheet
139Kb / 1P
81CH Series Input Motor Driver IC for DSC
G2018 GMT-G2018 Datasheet
105Kb / 1P
51CH serial input motor driver IC for DSC
G2012 GMT-G2012 Datasheet
68Kb / 1P
42CH serial input motor driver IC for DSC
logo
Princeton Technology Co...
PT5111 PTC-PT5111 Datasheet
346Kb / 5P
61CH DV/DSC Motor Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com