Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP5748 Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # SP5748
Description  2.4GHz Very Low Phase Noise PLL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5748 Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button SP5748 Datasheet HTML 2Page - Mitel Networks Corporation SP5748 Datasheet HTML 3Page - Mitel Networks Corporation SP5748 Datasheet HTML 4Page - Mitel Networks Corporation SP5748 Datasheet HTML 5Page - Mitel Networks Corporation SP5748 Datasheet HTML 6Page - Mitel Networks Corporation SP5748 Datasheet HTML 7Page - Mitel Networks Corporation SP5748 Datasheet HTML 8Page - Mitel Networks Corporation SP5748 Datasheet HTML 9Page - Mitel Networks Corporation SP5748 Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
SP5748 Advance Information
-j1
DATA
CLOCK
ENABLE
Frequency data
P1
P0
T0
C1
C0
R2
R1
R0
RD
MSB
LSB
225
20
224
223
222
221
220
219
218
217
216
TIMING DIAGRAM
TBC
2^16 to 2^0
:
Programmable divider ratio control bits
R2,R1,R0
:
Reference divider control bits
RD
:
Reference divider mode select
P1,P0
:
Port control bits
C1,C0
:
Charge pump current select
T0
:
Test mode enable
Figure 4 Data format
C1
C0
Current (in mA)
0
0
0.2
0
1
0.9
10
.1
1
1
.45
Figure 5 Charge pump current
Figure 3 RF input impedance
2
1
3
4
+j0.2
+j0.5
+j1
+j2
+j5
-j5
-j2
-j0.5
-j0.2
0
S
11
:
Zo
= 50
Ω
Normalised to 50
Ω
Frequency Markers at 500MHz,
1GHz, 1.5GHz and 2.4GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com