Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS520G Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # SCS520G
Description  0.1 Amp Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

SCS520G Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  SCS520G Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. SCS520G Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCS520G
VOLTAGE 30V
0.1 Amp Surface Mount Schottky Barrier Rectifiers
ELECTRICAL CHARACTERISTICS ( Ta=25
)
1m
10m
100m
0
0.1
0.2
0.3
0.4
0.5
0.7
0.6
1
10
100
1
FORWARD VOLTAGE :VF (V)
Fig. 1 Forward characteristics
REVERSE VOLTAGE : VR (V)
Fig. 2 Reverse characteristics
REVERSE VOLTAGE : VR (V)
Fig. 3 Capacitance between
terminals characteristics
AMBIENT TEMPERATURE : Ta ( C
O
)
Fig 4. Derating curve
(mounting on glass epoxy PCBs)
1n
10n
100n
1
10
100
1m
0
10
20
30
0
10
20
30
1
10
100
f=1MHz
Ta=125 C
O
O
O
75 C
25 C
O
25 C
-
0
0
20
40
60
80
100
25
50
75
100
125
PB FREE PRODUCT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com