Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS22A Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # SS22A
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

SS22A Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  SS22A Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. SS22A Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
2.0
1.5
1.0
0.5
0
0
25
75
100
125
150
175
50
LEAD TEMPERATURE, (
)
Single
Half Wave 60HZ
Resistive or
Inductive Load
0.375" (9.5mm) Lead Length
FIG. 3A - TYPICAL REVERSE CHARACTERISTICS
100
10
1.0
0.1
.01
.001
TJ = 25
TJ = 125
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
TJ = 75
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
400
200
100
80
60
40
20
10
.1
.4
1.0
4
10
40
80
TJ = 25
REVERSE VOLTAGE, (V)
FIG. 2 - TYPICAL INSTANTANEOUS
FORWARD CHARCTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
20
10
1.0
.1
.1
.3
.5
.7
.9 1.1 1.3 1.5 1.7 1.9 2.1
TJ = 25
Pulse Width = 300uS
1% Duty Cycle
8.3ms Single Half Sine-Wave
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
JEDEC Method
1
2
4
6 810
20
40
80100
0
10
20
30
40
50
FIG. 3B - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
100
10
1.0
0.1
.01
.001
TJ = 25
TJ = 75
TJ = 125
TJ = 150
0
20
40
60
80
100
120
140
(SS22A THRU SS210A)
SS22A
SS23A
SS24A
SS25A
SS26A
SS28A
SS210A
SS25A-SS26A
SS22A - SS24A
SS25A - SS210A
SS22A-SS24A
SS28A-SS210A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com