Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5877 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM5877
Description  3rd-order , 2-channel D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5877 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM5877 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5877 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5877 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5877 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5877 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5877 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5877 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5877 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5877 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SM5877AM
NIPPON PRECISION CIRCUITS—2
BLOCK DIAGRAM
PIN DESCRIPTION
Number
Name
I/O
Description
1
MUTE
Ip
When MODE is HIGH: Soft mute ON/OFF control. Mute is active when HIGH.
When MODE is LOW: Attenuator level direction control. The attenuator direction is
down when HIGH.
2
DEEM
Ip
Deemphasis control. Deemphasis is ON when HIGH, and OFF when LOW.
3
CKO
O
16.9344 MHz clock output
4
DVSS
Digital ground pin
5
BCKI
Ip
Bit clock input pin
6
DI
Ip
Serial data input pin
7
DVDD
Digital supply pin
8
LRCI
Ip
Input sample data rate (fs) clock input pin. Left-channel input when HIGH, and right-
channel input when LOW.
9
TSTN
Ip
Test pin. Test mode when LOW.
Filter & attenuation
operation block
Noise shaper
operation block
Input interface
+
+
Attenuation
counter
PWM data
generation block
Timing
control
LRCI
DI
BCKI
LO
AVSS
RO
MODE
ATCK
MUTE
RSTN
DS
DVSS
DVDD
TSTN
TO1
AVDDL
DEEM
CKO
XVSS
XTO
XTI
XVDD
AVDDR
LR
LR
L
R
MUTEO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com