Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VP5313 Datasheet(PDF) 16 Page - Mitel Networks Corporation

Part # VP5313
Description  NTSC/PAL Digital Video Encoder
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP5313 Datasheet(HTML) 16 Page - Mitel Networks Corporation

Back Button VP5313 Datasheet HTML 11Page - Mitel Networks Corporation VP5313 Datasheet HTML 12Page - Mitel Networks Corporation VP5313 Datasheet HTML 13Page - Mitel Networks Corporation VP5313 Datasheet HTML 14Page - Mitel Networks Corporation VP5313 Datasheet HTML 15Page - Mitel Networks Corporation VP5313 Datasheet HTML 16Page - Mitel Networks Corporation VP5313 Datasheet HTML 17Page - Mitel Networks Corporation VP5313 Datasheet HTML 18Page - Mitel Networks Corporation VP5313 Datasheet HTML 19Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
VP5313/VP5513
16
Figure 11 Typical application diagram. (Output filter - see Fig.12)
to drive 37.5ohms
Figure 12 Output reconstruction filter
470pF
220pF
1.0
µH
GND
75
Ω
15pF
EXT
75
Ω
+5V
SCL
SDA
SA
I2C
BUS
100
µF
VDD, AVDD
GND, AGND
2k2
Ω
G/Y
8
PD0-7
TTXDATA
PXCK
2k2
Ω
B/CVBS2
R/C
CVBS1
RREF
VREF
DAC
COMP
SYNC
INTERFACE
HS
VS
SYSTEM
CLOCK
VDD
GND
10nF
GND
SCL
SDA
SA
RESET
RESET
TELETEXT
DIGITAL
VIDEO
GREEN/LUMA
TTXREQ
INTERFACE
OUTPUT
FILTER
BLUE/CVBS
OUTPUT
FILTER
RED/CHROMA
OUTPUT
FILTER
CVBS
OUTPUT
FILTER
AT EVERY
VDD PIN
FERRITE
BEAD
100nF
+5V
730
Ω
100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com