Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5879AV Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM5879AV
Description  3rd-order , 2-channel D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5879AV Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5879AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SM5879AV
NIPPON PRECISION CIRCUITS—8
AC Electrical Characteristics
System clock (XTI)
Crystal Oscillator
External clock input
XTI input clock
Serial input (BCKI, DI, LRCI)
Serial input timing
Parameter
Symbol
Rating
Unit
min
typ
max
Oscillator frequency
fOSC
10.0
16.9344
18.5
MHz
Parameter
Symbol
Rating
Unit
min
typ
max
HIGH-level clock pulsewidth
tCWH
20.0
29.5
50
ns
LOW-level clock pulsewidth
tCWL
20.0
29.5
50
ns
Clock pulse cycle
tXI
54.0
59.0
100
ns
Parameter
Symbol
Rating
Unit
min
typ
max
BCKI HIGH-level pulsewidth
tBCWH
50
–
–
ns
BCKI LOW-level pulsewidth
tBCWL
50
–
–
ns
BCKI pulse cycle
tBCY
6tXI
––
ns
DI setup time
tDS
50
–
–
ns
DI hold time
tDH
50
–
–
ns
Last BCKI rising edge to LRCI edge
tBL
50
–
–
ns
LRCI edge to first BCKI rising edge
tLB
50
–
–
ns
VIH1
VIL1
0.5VDD
XI
t
CWL
t
CWH
t
BCKI
DI
LRCI
BCWH
t
BCWL
t
0.5VDD
0.5VDD
0.5VDD
BCY
t
DS
t
DH
t
BL
t
LB
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com