Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3D230L-CD Datasheet(PDF) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # B3D230L-CD
Description  Low Capacitance and Insertion Loss
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

B3D230L-CD Datasheet(HTML) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

  B3D230L-CD Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. B3D230L-CD Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. B3D230L-CD Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
Gas
B3D
(1)
(1)
7.8×
(2) D
(3)
Disc
(4)
(5)
Par
Env
Hi
Lo
Vib
Re
Not
Sol
Rec
Pro
B
3
www.be
s Discharge
D
230
(2)
Bencent 3-
×5.0×6.0mm
DC Breakdow
Surge Ratin
charge Curre
“-C”Mean
“D”Means
rt Numberin
vironmental
T
igh Temperatu
ow Temperatu
bration
esistance of so
te: Up-screen
lderability t
Sold
commended
oduct Dimen
A
D
encent.com
e Tube
L
(3)
-Electrode S
wn Voltage, e
ng @8/20 s
μ
nt 5,000A @
ns it is Suitabl
it is Low Imp
ng System
l Reliability
Testing items
ure Storage T
ure Storage T
oldering heat
n program can
est
derability
d Soldering
nsions
C
B
A
m.cn
- C
(4)
SMD Gas D
e.g., 230=230
, L=5,000A
8/20 s
μ
)
le for High-Sp
pulse Spark-o
y Characteri
Test
Test
t
n be specified
S
Pad
D
C
D
(5)
Discharge T
0V
(Total Imp
peed SMT
over Voltage
istics
Tempera
Time:2H
Tempera
Time:2H
Frequenc
Amplitud
Time:4
Tempera
Time of
d by customer
Solder Pot Tem
Solder Dwe
E
F
Customers sho
Tube
pulse
Pr
ature: 85℃
H
ature: -40℃
H
cy:10-500H
de:0.15mm
45min
ature: 260±5℃
dip soldering
r’s request vi
mperature:
ell Time:
G
S
uld verify actua
REF
A
B
C
D
Lead Mater
Body Mater
Terminal Fin
roduct Char
Techn
Hz
m
℃
g:10s,1tim
ia contacting
REF
A
B
C
D
E
F
G
Specifications a
al device perfor
Or
mm
9.6
1.5
1.5
5.0
ial
rial
nish
racteristics
nical standard
me
Bencent serv
245
4-6
mm
7.8±0.3
0.5±0.2
1.6±0.2
0.5±0.2
5.0±0.2
5.0±0.2
6.0±0.3
B3D
are subject to ch
rmance in their
rder Code:
Ver
Copp
Ceram
100% Matte-
ds
vice
5℃±5℃
6 seconds
3
0
2
0
2
0
2
0
2
0
2
0
3
0
D230L-C
hange without n
specific applic
B3D230L
rsion: A0 2014
inch
0.378
0.059
0.059
0.197
per
mics
-Tin Plated
inch
0.307±0.012
0.020±0.008
0.063±0.008
0.020±0.008
0.197±0.008
0.197±0.008
0.236±0.012
CD
notice.
ations
L-CD
4-01-04



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com