Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA201N Datasheet(PDF) 3 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BA201N
Description  Low Capacitance and Insertion Loss
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BA201N Datasheet(HTML) 3 Page - Shenzhen Bencent Electronics Co., Ltd.

  BA201N Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BA201N Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BA201N Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/4
Gas
Pre
Hea
Ave
(
T
TS(
Ref
Pea
Tim
Tem
Ram
Tim
Do
Pac
Ref
4
www.be
s Discharge
Reflow
e
at
Temper
Temper
Time
erage ramp up r
TL) to peal
(max) to TL - Ra
flow
- Te
(Li
- Te
ak Temperature
me within 5°C o
mperature (tp)
mp-down Rate
me 25°C to peak
not exceed
kage Ree
flow Profile
OUTLINE
TAPING
encent.com
e Tube
w Condition
rature Min
rature Max
(
min to max)
rate(Liquids)
amp-up Rate
emperature (TL)
quids)
emperature (TL)
(TP)
of actual peak
k Temperature (
l Informat
e
E
G
m.cn
Pb-
150°C
200°C
60 –
Tamp
3°C/s
3°C/s
)
217°C
)
60 –
260+
8 – 2
6°C/s
(TP)
8 min
260°C
tion
REEL
(PCS)
2,000
-Free assembly
C
C
180 secs
second max
second max
C
150 seconds
+0/-5 °C
0seconds
second max
nutes Max.
C
PER CAR
(PCS
32,00
Customers sho
RTON
S)
00
S
uld verify actua
REF
A
B
d
E
F
P
P0
P1
W
D
D1
D2
W1
REEL
DIAMETER
(mm)
330
TP
TL
TS(max)
TS(min)
25
t
Specifications a
al device perfor
F
m
3.7
4.7
Φ
1.
1.75
5.5
8.0
4.0
2.0
12.0
Φ
3
Φ
50
2
Φ
13
1
16.8
RS
L
36
time to peak temper
Preheat
Ra
tS
are subject to ch
rmance in their
Order C
Versi
mm
7±0.2
7±0.2
.5±0.1
5±0.1
5±0.1
0±0.1
0±0.1
0±0.1
0±0.2
330.0
0Min
3±0.15
8±2.0
CARTON
L
W
60
36
ature
amp-up
BA20
hange without n
specific applic
Code: BA2
ion: A0 2013
inch
0.146±0.00
0.185±0.00
Φ
0.059±0.0
0.069±0.00
0.217±0.00
0.315±0.00
0.157±0.00
0.079±0.00
0.472±0.00
Φ
13.0
Φ
1.97Min
0.512±0.00
0.661±0.07
SIZE(mm)
W
H
60
38
tP
Ramp-down
Time
Critica
TL to T
TL
01N
notice.
ations
201N
-09-17
08
08
004
04
02
04
04
04
08
n
06
79
H
80
al Zone
TP



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com