Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH601 Datasheet(PDF) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BH601
Description  Low Capacitance and Insertion Loss
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BH601 Datasheet(HTML) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

  BH601 Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BH601 Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BH601 Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1/3
BH601
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
3 www.bencent.com.cn
Order Code:
BH601
Gas Discharge Tube
Version: A0 2013-09-12
BH
601
(1)
(2)
(1) Bencent Multi-pole Arrester tack:8.3mm*9.3mm*19.9mm
(2) DC Breakdown Voltage, e.g.,351=35×101=350V
Part Numbering System
Recommended Soldering Pad
Product Dimensions
Environmental Reliability Characteristics
Lead Material
Copper
Body Material
Ceramics
Terminal Finish
100% Matte-Tin Plated
Product Characteristics
Testing items
Technical standards
High Temperature Storage Test
Temperature: 85℃
Time:2H
Low Temperature Storage Test
Temperature: -40℃
Time:2H
Vibration
Frequency:10-500Hz
Amplitude:0.15mm
Time:45min
Resistance of soldering heat
Temperature: 260±5℃
Time of dip soldering:10s,1times
Note: Up-screen program can be specified by customer’s request via contacting Bencent service
Solderability test
Solderability
Solder Pot Temperature:
245℃±5℃
Lead-Free Recommendation
Solder Dwell Time:
4-6 seconds
REF
mm
inch
A
8.3±0.3
0.327±0.012
B
15±0.3
0.591±0.012
C
24.1±0.3
0.949±0.012
D
9.2±0.3
0.362±0.012
REF
mm
inch
A
29
1.142
B
21
0.827
C
8.5
0.335



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com