Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM801M Datasheet(PDF) 3 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BM801M
Description  Low Capacitance and Insertion Loss
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BM801M Datasheet(HTML) 3 Page - Shenzhen Bencent Electronics Co., Ltd.

  BM801M Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BM801M Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BM801M Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
Gas
Pac
refl
Pre
Hea
Av
Tam
TS(
Ref
Pea
Tim
Tem
Ra
Tim
(Tp
Do
3
www.be
s Discharge
kage Reel I
low profile
OUTLINE
TAPING
Reflow
at
Tempe
Tempe
Time
verage ramp u
mp(TL) to
(max) to TL -
flow
- Te
(Li
- Te
ak Temperatu
me within 5°C
mperature (tp
amp-down Ra
me 25°C to pe
p)
o not exceed
encent.com
Tube
Information
E
G
Condition
erature Min
erature Max
min to ma
up rate(Liqu
o peal
Ramp-up Ra
emperature (T
iquids)
emperature (T
ure (Tp)
C of actual p
)
ate
eak Tempera
m.cn
n
REEL
(PCS)
500
Pb-
150°
200°
ax)
60 –
uids)
3°C/
ate
3°C/
TL)
217°
TL)
60 –
260+
eak
20 –
6°C/
ture
8 mi
260°
INSID
CARTO
(PCS
1000
-Free assemb
°C
°C
180 secs
/second max
/second max
°C
150 seconds
+0/-5 °C
40 seconds
/second max
inutes Max.
°C
Customers sho
DE
ON
S)
P
0
bly
S
uld verify actua
REF
P0
D0
P1
P2
A
B
F
E
W
D
D1
D2
W1
PER CARTO
(PCS)
8000
TP
TL
TS(max)
TS(min)
25
t
Specifications a
al device perfor
F
m
4.0
0
Φ
1
12
2.0
6.5
8.4
7.5
1.75
16
Φ
3
Φ
10
2
Φ
13
1
21
ON
L
36
time to peak temper
Preheat
Ra
tS
are subject to ch
rmance in their
Order Co
Versi
mm
0±0.1
.50.1
±0.1
0±0.1
±
0.2
±
0.2
5±0.1
5±0.1
±0.3
30±2
00±2
3±0.15
1±2
-0
CARTON
L
W
60
36
ature
amp-up
BM80
hange without n
specific applic
ode: BM8
ion: A0 2013
inch
0.157±0.00
Φ
0.059+0.00
0.472±0.00
0.079±0.00
0.256±0.00
0.331±0.00
0.295±0.00
0.069±0.00
0.63±0.01
Φ
12.99±0.0
Φ
3.94±0.0
0.512±0.00
0.827±0.07
-0
SIZE(mm)
W
H
60
38
tP
Ramp-down
Time
Critica
TL to T
TL
1M
notice.
ations
801M
-09-14
04
04
04
04
08
08
04
04
2
079
079
06
79
H
80
al Zone
TP



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com