Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BV03CW Datasheet(PDF) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BV03CW
Description  Low clamping voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BV03CW Datasheet(HTML) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

  BV03CW Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BV03CW Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BV03CW Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. BV03CW Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
Tra
IE
15
U
Lo
M
W
Sm
E
Ab
①
②S
③O
Pa
P
Ap
F
(
(
4
www.ben
ansient Vo
EC 61000-4-2
50Watts peak
Ultra low capa
ow clamping
Moisture sensi
Weight 5.0 mg
mall package
Ethernet
Part
Number
BV03CW
bsolute maxim
VBR is measu
Surge Wavef
Off-state capa
art Number a
BV
(1)
art Number
pplication in
Features
(1) Bencent T
(2) Series: 03
ncent.com.c
oltage Sup
2(ESD)±15K
k pulse power
acitance:1.5pF
voltage
itivity level:
g
e:SOD323
IDRM@V
μA
MAX
0.5
mum ratings m
ured at IR=1m
form: 8/20μ
acitance is m
and Electric
03CW
(2)
ring System
nformation
Transient Volt
etc.
n
ppressor
KV(air), ±8K
r (tp=8/20μS)
F maximum
Level 1
VDRM
V
M
3
measured at
mA
S.
measured in VD
cal Paramet
W
m
tage Suppress
KV(contact)
)
VBR①@IR
V
m
MIN
3.5
T= 25ºC RH
DC
=0V,VRMS=
ter
sor
Customers sho
mA
V
MA
1
5.
H = 45%-75%
=1V,f=1MHz
M
E
Ag
S
uld verify actua
Vc@Ipp②
V
A
AX
8
1
(unless other
z
Mark
Exterior
gency Appr
Icon
C
C
M
1
Specifications a
al device perfor
Vc
V
MAX
15
rwise noted).
B4
CA1: Par
09
rovals
Compliance w
Compliance w
Mean lead fre
B006
09
SOD
CA
B
are subject to ch
rmance in their
Order Code
Versio
c@Ipp②
A
X
10
42LC
rt Number
909
Description
with 2011/65
with IEC6124
ee
6U2G
909
D323
A1
BV03CW
hange without n
specific applic
e: BV03C
on: A0 2013-1
CO③
pF
MAX
1.5
n
5/EU
49-2-21:2003
G
2
W
notice.
ations
CW
11-1


Similar Part No. - BV03CW

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
BV03CW BENCENT-BV03CW Datasheet
264Kb / 5P
Transient Voltage Suppressor
logo
TECH PUBLIC Electronics...
BV03CWT TECHPUBLIC-BV03CWT Datasheet
2Mb / 4P
1-Line Bi-directional ESD DIODE
logo
Shenzhen Bencent Electr...
BV03CW BENCENT-BV03CW_16 Datasheet
264Kb / 5P
Transient Voltage Suppressor
More results

Similar Description - BV03CW

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMS05 LEIDITECH-SMS05 Datasheet
161Kb / 3P
Low clamping voltage
SMS05C LEIDITECH-SMS05C Datasheet
161Kb / 3P
Low clamping voltage
logo
Shanghai Semitech Semic...
SRC0504F SEMITECH-SRC0504F Datasheet
191Kb / 3P
Low clamping voltage
logo
Micro Commercial Compon...
ESD5V0LB MCC-ESD5V0LB Datasheet
807Kb / 4P
Low clamping voltage
ESDSLC5V0LB MCC-ESDSLC5V0LB Datasheet
618Kb / 4P
Low clamping voltage
logo
STMicroelectronics
ESDA7P120-1U1M STMICROELECTRONICS-ESDA7P120-1U1M Datasheet
586Kb / 9P
Low clamping voltage
09-Feb-2017
ESDALC5-1BF4 STMICROELECTRONICS-ESDALC5-1BF4 Datasheet
199Kb / 10P
Low clamping voltage
06-Feb-2014
logo
Leshan Radio Company
LTVS8H4.5CAT5G LRC-LTVS8H4.5CAT5G Datasheet
689Kb / 4P
Low clamping voltage
logo
Shanghai Leiditech Elec...
SDA3311DN LEIDITECH-SDA3311DN Datasheet
740Kb / 4P
Low clamping voltage
logo
Rectron Semiconductor
TEP2105LV RECTRON-TEP2105LV Datasheet
283Kb / 4P
Low clamping voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com