Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5901AF Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM5901AF
Description  compression and non compression type anti-shock memory controller with built-in 1M DRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5901AF Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5901AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
SM5901AF
Parameter
Symbol
Rating
Unit
Supply voltage
VDD
- 0.3 to 4.6
V
Input voltage
VI
VSS - 0.3 to VDD + 0.3
V
Storage temperature
TSTG
- 55 to 125
˚C
Power dissipation
PD
600
mW
Soldering temperature
TSLD
255
˚C
Soldering time
tSLD
10
sec
(VSS = 0V, VDD pin voltage = VDD)
(*1) Refer to pin summary on the next page.
Note. Values also apply for supply inrush and switch-off.
Parameter
Symbol
Rating
Unit
Supply voltage
VDD
2.7 to 3.3
V
Operating temperature
TOPR
0 to 70
˚C
(VSS = 0V, VDD pin voltage = VDD)
Parameter
Pin
Symbol
Condition
Rating
Unit
Min
Typ
Max
Current consumption
VDD
IDD
(*A)SHPRF ON
60
mA
(*A)Through mode
60
mA
Input voltage
CLK
H level
VIH1
0.7VDD
V
L level
VIL1
0.3VDD
V
VINAC
AC coupling
0.3
VP-P
(*2,3,4,5)
H level
VIH2
0.7VDD
V
L level
VIL2
0.3VDD
V
Output voltage
(*4,6)
H level
VOH1
IOH = - 0.5 mA
VDD - 0.4
V
L level
VOL1
IOL = 1 mA
0.4
V
(*5)
H level
VOH2
IOH = - 0.5 mA
VDD - 0.4
V
L level
VOL2
IOL = 1 mA
0.4
V
Input current
CLK
IIH1
VIN = VDD
15
30
60
µA
IIL1
VIN = 0V
15
30
60
µA
(*3,4)
IIL2
VIN = 0V
1.5
3
15
µA
Input leakage current
(*2,3,4,5)
ILH1
VIN = VDD
1.0
µA
(*2,5)
ILL
VIN = 0V
1.0
µA
Output leakage current
(*7)
IZH
VOUT = VDD
1.0
µA
IZL
VOUT= 0V
1.0
µA
(*A) VDD = 3 V, CLK input frequency fXTI= 384fs = 16.9344 MHz, all outputs unloaded,
SHPRF: Shock-proof,
typical values are for VDD = 3 V.
Electrical characteristics
Recommended operating conditions
DC characteristics
Standard voltage: (VDD = 2.7 to 3.3 V, VSS = 0 V, Ta = 0 to 70˚C)
Absolute maximum ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com