| Electronic Components Datasheet Search |
|
TMP100NA/250 Datasheet(PDF) 10 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMP100NA/250 Datasheet(HTML) 10 Page - Texas Instruments |
|
10 / 30 page ![]() TMP100, TMP101 SBOS231I – JANUARY 2002 – REVISED NOVEMBER 2015 www.ti.com 7.3.2.2 Serial Bus Address To program the TMP100 and TMP101 devices, the master must first address slave devices through a slave address byte. The slave address byte consists of seven address bits and a direction bit indicating the intent of executing a read or write operation. The TMP100 device features two address pins to allow up to eight devices to be addressed on a single I2C interface. Table 2 describes the pin logic levels used to properly connect up to eight devices. Float indicates the pin is left unconnected. The state of pins ADD0 and ADD1 is sampled on the first I2C bus communication and must be set before any activity on the interface. Table 2. Address Pins and Slave Addresses for the TMP100 ADD1 ADD0 SLAVE ADDRESS 0 0 1001000 0 Float 1001001 0 1 1001010 1 0 1001100 1 Float 1001101 1 1 1001110 Float 0 1001011 Float 1 1001111 The TMP101 device features one address pin and an ALERT pin, allowing up to three devices to be connected per bus. Pin logic levels are described in Table 3. The address pins of the TMP100 and TMP101 devices are read after reset or in response to an I2C address acquire request. Following reading, the state of the address pins is latched to minimize power dissipation associated with detection. Table 3. Address Pins and Slave Addresses for the TMP101 ADD0 SLAVE ADDRESS 0 1001000 Float 1001001 1 1001010 7.3.2.3 Writing and Reading to the TMP100 and TMP101 Accessing a particular register on the TMP100 and TMP101 devices is accomplished by writing the appropriate value to the Pointer Register. The value for the Pointer Register is the first byte transferred after the I2C slave address byte with the R/W bit LOW. Every write operation to the TMP100 and TMP101 devices requires a value for the Pointer Register (see Figure 7). When reading from the TMP100 and TMP101 devices, the last value stored in the Pointer Register by a write operation is used to determine which register is read by a read operation. To change the register pointer for a read operation, a new value must be written to the Pointer Register. This action is accomplished by issuing an I2C slave address byte with the R/W bit LOW, followed by the Pointer Register Byte. No additional data are required. The master can then generate a START condition and send the I2C slave address byte with the R/W bit HIGH to initiate the read command; see Figure 8 for details of this sequence. If repeated reads from the same register are desired, the Pointer Register bytes do not have to be continually sent because the TMP100 and TMP101 devices remember the Pointer Register value until that value is changed by the next write operation. 10 Submit Documentation Feedback Copyright © 2002–2015, Texas Instruments Incorporated Product Folder Links: TMP100 TMP101 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |