Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT82885 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # VT82885
Description  Real Time Clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82885 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button VT82885 Datasheet HTML 2Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
VT82885
Real Time Clock
VIA Technologies, Inc.
should be written to a logic one to prevent
updates from occurring while access is be-
ing attempted. In addition to writing the ten
time, calendar and alarm registers in a se-
lected format (binary or BCD), the data
mode bit (DM) of Register B must be set to
the appropriate logic level. All ten time, cal-
endar and alarm bytes must use the same
data mode. The set bit in Register B should
be cleared after the data mode bit has been
written to allow the real time clock to update
the time and calendar bytes. Once initial-
ized, the real time clock makes all updates in
the selected mode. The data mode can-not
be changed without reinitializing the ten data
bytes. Table 2 shows the binary and BCD
formats of the ten time, calendar and alarm
locations. The 24-12 bit cannot be changed
without reinitializing the hour loca-tions.
When the 12-hour format is selected, the
high order bit of the hours byte repre-sents
PM when it is a logic one. Once per second
the ten bytes are advanced by one second
and checked for an alarm condition. If a read
of the time and calendar data oc-curs during
an update, a problem exists where seconds,
minutes, hours, etc. may not correlate. The
probability of reading in-correct time and
calendar data is low. Sev-eral methods of
avoiding any possible incor-rect time and
calendar reads are covered later in this text.
The three alarm bytes can be used in two
ways. First, when the alarm time is written in
the appropriate hours, minutes and seconds
alarm locations, the alarm interrupt is initi-
ated at the specified time each day if the
alarm enable bit is high. The second use
condition is to insert a “don’t care” state in
one or more of the three alarm bytes. The
“don’t care” code is any hexadecimal value
from C0 to FF. The two most significant bits
of each byte set the “don’t care” condition
when at logic 1. An alarm will be generated
each hour when the “don’t care” bits are set
in the hours byte. Similarily, an alarm is
generated every minute with “don’t care”
codes in the hours and minute alarm bytes.
The “don’t care” codes in all three alarm
bytes create an interrupt every second.
TABLE 2: TIME. CALENDAR AND ALARM DATA MODES
ADDRESS
DECIMAL
RANGE
LOCATION
FUNCTION
RANGE
BINARY DATA MODE
BCD DATA MODE
0
Seconds
0-59
00-3B
00-59
1
Seconds Alarm
0-59
00-3B
00-59
2
Minutes
0-59
00-3B
00-59
3
Minutes Alarm
0-59
00-3B
00-59
4
Hours-12-hr Mode
1.12
01-0C AM, 81-8C PM
01-12AM,81-92PM
Hours-24-hr Mode
0-23
00-17
00-23
5
Hours Alarm-12-hr
1-12
01-0C AM, 81-8C PM
01-12AM,81-92PM
Hours Alarm-24-hr
0-23
00-17
00-23
6
Day of the Week
Sunday = 1
1-7
01-07
01-07
7
Date of the Month
1-31
01-1F
01-31
8
Month
1-12
01-0C
01-12
9
Year
0-99
00-63
00-99
NONVOLATILE RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com