Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-M600 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL-M600
Description  Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-M600 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-M600 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-M600 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-M600 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-M600 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-M600 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-M600 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-M600 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-M600 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-M600 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CAUTION: The small device geometries inherent to the design of this bipolar component increase the component's
susceptibility to damage from electrostatic discharge (ESD). It is advised that normal static precautions be taken
in handling and assembly of this component to prevent damage and/or degradation which may be induced by
ESD.
Small Outline, 5 Lead, High
CMR, High Speed, Logic Gate
Optocouplers
Technical Data
HCPL-M600
HCPL-M601
HCPL-M611
Description
These small outline high CMR,
high speed, logic gate optocoup-
lers are single channel devices in
a five lead miniature footprint.
They are electrically equivalent to
the following Agilent
optocouplers (except there is no
output enable feature):
SO-5 Package
Standard DIP
SO-8 Package
HCPL-M600
6N137
HCPL-0600
HCPL-M601
HCPL-2601
HCPL-0601
HCPL-M611
HCPL-2611
HCPL-0611
The SO-5 JEDEC registered (MO-
155) package outline does not
require “through holes” in a PCB.
This package occupies
approximately one fourth the
footprint area of the standard
dual-in-line package. The lead
profile is designed to be com-
patible with standard surface
mount processes.
The HCPL-M600/01/11 optically
coupled gates combine a GaAsP
light emitting diode and an
integrated high gain photon
detector. The output of the
detector I.C. is an Open-collector
Schottky-clamped transistor. The
internal shield provides a
guaranteed common mode
transient immunity specification of
5,000 V/
µs for the HCPL-M601,
and 10,000 V/
µs for the HCPL-
M611.
This unique design provides
maximum ac and dc circuit
isolation while achieving TTL
compatibility. The optocoupler ac
and dc operational parameters are
guaranteed from -40
°Cto85°C
allowing trouble free system
performance.
Features
•SurfaceMountable
• Very Small, Low Profile
JEDECRegisteredPackage
Outline
• Compatible with Infrared
VaporPhaseReflowand
WaveSolderingProcesses
• Internal Shield for High
CommonModeRejection
(CMR)
HCPL-M601: 10,000 V/
µsat
VCM = 50 V
HCPL-M611: 15,000 V/
µsat
VCM = 1000 V
• High Speed: 10 Mbd
•LSTTL/TTLCompatible
• Low Input Current
Capability: 5 mA
• Guaranteed ac and dc
Performanceover
Temperature: -40
°Cto85°C
•Recognizedunderthe
Component Program of U.L.
(File No. E55361) for
DielectricWithstandProof
Test Voltage of 2500 Vac, 1
Minute


Similar Part No. - HCPL-M600

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M600 AVAGO-HCPL-M600 Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600 AVAGO-HCPL-M600 Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600 AVAGO-HCPL-M600 Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600500 AVAGO-HCPL-M600500 Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
More results

Similar Description - HCPL-M600

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-M452 HP-HCPL-M452 Datasheet
89Kb / 8P
Small Outline, 5 Lead, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611-500E AVAGO-HCPL-M611-500E Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600 AVAGO-HCPL-M600 Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
Small Outline, 5 Lead, High Speed Optocouplers
HCPL-M601-500E AVAGO-HCPL-M601-500E Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-000E AVAGO-HCPL-M601-000E Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
ACPL-M60L-000E AVAGO-ACPL-M60L-000E Datasheet
237Kb / 11P
Small Outline, 5 Leads, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600500 AVAGO-HCPL-M600500 Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-M60L BOARDCOM-ACPL-M60L Datasheet
762Kb / 14P
Small Outline, 5 Leads, High CMR, High-Speed, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com