Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8672MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8672MA/NOPB
Description  Single, Dual, and Quad 40V Low Noise Precision Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8672MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMP8672MA/NOPB Datasheet HTML 1Page - Texas Instruments LMP8672MA/NOPB Datasheet HTML 2Page - Texas Instruments LMP8672MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP8672MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP8672MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP8672MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP8672MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP8672MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP8672MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LMP8671, LMP8672, LMP8674
www.ti.com
SNOSB39B – JULY 2011 – REVISED MARCH 2013
Electrical Characteristics for the LMP8671/2/4
(1)
The following specifications apply for VS = ±20V, RL = 2kΩ, RSOURCE = 10Ω, fIN = 1kHz, TA = 25°C, unless otherwise specified.
Boldface limits apply at the temperature extremes.
LMP8671/2/4
Units
Symbol
Parameter
Conditions
(Limits)
Typical(2)
Limit(3)
±400
VOS
Offset Voltage
±100
μV (max)
±750
Average Input Offset Voltage Drift
μV/°C
ΔVOS/ΔTemp
–40°C
≤ TA ≤ 125°C
0.1
2
vs Temperature
(max)
VCM = 0V
±75
LMP8671/4
10
nA (max)
±95
IB
Input Bias Current
VCM = 0V
±200
LMP8672
50
nA (max)
±250
VCM = 0V
±50
LMP8671/4
11
nA (max)
±95
IOS
Input Offset Current
VCM = 0V
±100
LMP8672
25
nA (max)
±125
Input Bias Current Drift
ΔIOS/ΔTemp
–40°C
≤ TA ≤ 125°C
0.2
nA/°C
vs Temperature
+17.1
V (min)
VIN-CM
Common-Mode Input Voltage Range
–16.9
V (min)
Differential Input Impedance
30
k
Ω
ZIN
Common Mode Input Impedance
–10V<Vcm<10V
1000
M
Ω
μVRMS
Equivalent Input Noise Voltage
20Hz to 20kHz
0.34
0.65
(max)
en
nV/
√Hz
Equivalent Input Noise Density
f = 1kHz
2.5
4.7
(max)
f = 1kHz
1.6
in
Current Noise Density
pA/
√Hz
f = 10Hz
3.1
THD+N
Total Harmonic Distortion + Noise
AV = 1, VOUT = 3Vrms, RL = 600Ω
0.00003
0.00009
% (max)
AV = –1, 10V step, CL = 100pF
tS
Settling time
1.2
μs
0.1% error range
GBWP
Gain Bandwidth Product
55
45
MHz (min)
SR
Slew Rate
±20
±15
V/
μs (min)
Average Input Offset Voltage Shift
110
PSRR
See(4)
125
dB (min)
vs Power Supply Voltage
100
105
CMRR
Common-Mode Rejection
–15V
≤Vcm≤15V
115
dB (min)
100
–15V
≤ Vout ≤ 15V
AVOL
Open Loop Voltage Gain
135
125
dB (min)
RL = 2kΩ
±18.8
VOUTMAX
Maximum Output Voltage Swing
RL = 2kΩ
±19.0
V (min)
±18.6
+53
IOUT-CC
Instantaneous Short Circuit Current
mA
–42
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Typical values represent most likely parametric norms at TA = +25ºC, and at the Recommended Operation Conditions at the time of
product characterization and are not ensured.
(3)
Datasheet min/max specification limits are ensured by test or statistical analysis.
(4)
PSRR is measured as follows: For VS, VOS is measured at two supply voltages, ±5V and ±20V, PSRR = |20log(ΔVOS/ΔVS)|.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMP8671 LMP8672 LMP8674



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com