Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8674MA/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LMP8674MA/NOPB
Description  Single, Dual, and Quad 40V Low Noise Precision Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8674MA/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMP8674MA/NOPB Datasheet HTML 1Page - Texas Instruments LMP8674MA/NOPB Datasheet HTML 2Page - Texas Instruments LMP8674MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP8674MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP8674MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP8674MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP8674MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP8674MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP8674MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LMP8671, LMP8672, LMP8674
SNOSB39B – JULY 2011 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics for the LMP8671/2/4
(1) (continued)
The following specifications apply for VS = ±20V, RL = 2kΩ, RSOURCE = 10Ω, fIN = 1kHz, TA = 25°C, unless otherwise specified.
Boldface limits apply at the temperature extremes.
LMP8671/2/4
Units
Symbol
Parameter
Conditions
(Limits)
Typical(2)
Limit(3)
fIN = 10kHz
ROUT
Output Impedance
Closed-Loop
0.01
Ω
Open-Loop
13
IOUT
Output Current
RL = 2kΩ
9.5
9.3
mA (min)
IOUT = 0mA
6
LMP8671
5
mA (max)
8
IS
Total Quiescent Current
LMP8672
12.5
16
mA (max)
LMP8674
20
22
mA (max)
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP8671 LMP8672 LMP8674



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com