Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV797MMX/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMV797MMX/NOPB
Description  17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV797MMX/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV797MMX/NOPB Datasheet HTML 3Page - Texas Instruments LMV797MMX/NOPB Datasheet HTML 4Page - Texas Instruments LMV797MMX/NOPB Datasheet HTML 5Page - Texas Instruments LMV797MMX/NOPB Datasheet HTML 6Page - Texas Instruments LMV797MMX/NOPB Datasheet HTML 7Page - Texas Instruments LMV797MMX/NOPB Datasheet HTML 8Page - Texas Instruments LMV797MMX/NOPB Datasheet HTML 9Page - Texas Instruments LMV797MMX/NOPB Datasheet HTML 10Page - Texas Instruments LMV797MMX/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
1
2
3
4
5
6
0
5
10
15
20
25
30
35
V
+
(V)
25°C
125°C
-40°C
-40°C
0
1
2
3
4
5
0
10
20
30
40
50
60
70
VOUT (V)
125°C
25°C
1
2
3
4
5
6
0
10
20
30
40
50
60
70
80
V+ (V)
125°C
25°C
-40°C
0
1
2
3
4
-50
50
VCM (V)
-40
-30
-20
-10
0
10
20
30
40
125°C
V
+
= 5V
85°C
13
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
6
7
8
9
10
11
V
+
(V)
12
RISING
FALLING
5.5
0
1
2
3
4
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
VCM (V)
-40°C
25°C
V
+
= 5V
LMV796, LMV797
www.ti.com
SNOSAU9D – MARCH 2006 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, TA = 25°C, V
– = 0, V+ = Supply Voltage = 5V, V
CM = V
+/2.
Slew Rate vs. Supply Voltage
Input Bias Current vs. VCM
Figure 11.
Figure 12.
Input Bias Current vs. VCM
Sourcing Current vs. Supply Voltage
Figure 13.
Figure 14.
Sinking Current vs. Supply Voltage
Sourcing Current vs. Output Voltage
Figure 15.
Figure 16.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMV796 LMV797



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com